Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61312-2 Datasheet(PDF) 32 Page - Tyco Electronics

Part # 61312-2
Description  Machine Applied Terminations, Open Barrel Terminals
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

61312-2 Datasheet(HTML) 32 Page - Tyco Electronics

Back Button 61312-2 Datasheet HTML 28Page - Tyco Electronics 61312-2 Datasheet HTML 29Page - Tyco Electronics 61312-2 Datasheet HTML 30Page - Tyco Electronics 61312-2 Datasheet HTML 31Page - Tyco Electronics 61312-2 Datasheet HTML 32Page - Tyco Electronics 61312-2 Datasheet HTML 33Page - Tyco Electronics 61312-2 Datasheet HTML 34Page - Tyco Electronics 61312-2 Datasheet HTML 35Page - Tyco Electronics 61312-2 Datasheet HTML 36Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
RTM Crimpband Splices (Continued)
Machine Applied Terminations, Open Barrel Terminals
(Rings, Spades, Pins, Receptacles, Splices, Tabs)
32
Catalog 82227
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 8-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Feed (Ribbon
Connector Material)
Machine feeds strip until
the strip hits the wire stop.
Shear (Blank Length)
The strip is cut by the
cutter block former bar
insert tooling.
Bend (Crimp Formed)
The former bar drives the
cut strip over the anvil,
bending the cut strip into
an upside down “U”.
Wire (Placement)
Pigtail and Parallel (Thru)
splice terminations are
made on the same
machine.
Crimp (Crimp Formed)
The anvil retracts as the
driver takes the formed
strip down into the
clincher.
RTM Crimpband
Interconnection System
How the System Operates
Legend
Machine Basis
LP
Leased
Purchase
Tooling
Blank Length
Size Code
B/L (Nom.)
032
.167
032/036
.228
036
.224
045
.246
051
.267
061
.292
061/076
.324
076
.339
076/092
.361
092
.379
092/125
.413
125
.446
125/160
.485
125/165
.506
165
.546
Note: For B/L above, .546 consult
factory for tooling size code
Connector
W
N
Width
Dim.
No. of
Code
Ridges
B
.076
3
C
.138
6
D
.154
7
E
.185
8
F
.216
9
G
.234
10
H
.247
10
L
.086
3
M
.330
14
N
.500
20
P
.114
5
Material
T±.002
Thickness
Dim.
Code
12
.012
16
.016
18
.018
20
.020
22
.022
24
.024
25
.025
Material
Material/Finish
Code
B
CDA 260 Brass
A
CDA 725 Copper/
Nickel Alloy
TB
Pre-Tin over
CDA 260 Brass
TCRS
1010 Cold Rolled
Steel, Tin Plated
SS
301 or 302
Stainless Steel
ST
Stainless Steel,
Tin Plated
UL486C Pull Out
Wire Size Force Requirements
AWG
Underwriters
Laboratory (lbs.)
26
3
24
5
22
8
20
10
18
10
16
15
14
25
12
35
10
40
Notes: So that the proper Crimpband splice is chosen, Tyco Electronics
recommends the following:
1. Submit 10 samples of wire combinations and/or components to be
crimped with any special requirements to your Tyco Electronics
sales representative.
2. Pull-out force and/or millivolt drop tests will be performed to
develop recommendations for proper Crimpband material, toolset
and crimp heights.
3. Tooling and testing will be documented on a Material & Tooling
Sheet (M & T sheet).
4. Crimpband material quotes, tooling quotes and samples will be
submitted to the customer.
W
W
Blank
Length
T
Ridges
Lead Wires
A
A
Section A-A
Connector Specification Code
See Figure 1 and/or Legend below
Machine
B.L. Dim.
W Dim.
T Dim.
Basis
Tooling
Connector
Material
Material
Size
Width
Thickness
L
092
F
20
TCRS
Splice No.
Example:
L
092
F
20
TCRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com