Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPRUGM2A Datasheet(PDF) 2 Page - Texas Instruments

Part # SPRUGM2A
Description  Peripheral Explorer Kit Overview
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SPRUGM2A Datasheet(HTML) 2 Page - Texas Instruments

  SPRUGM2A Datasheet HTML 1Page - Texas Instruments SPRUGM2A Datasheet HTML 2Page - Texas Instruments SPRUGM2A Datasheet HTML 3Page - Texas Instruments SPRUGM2A Datasheet HTML 4Page - Texas Instruments SPRUGM2A Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EPWM to ECAP
loopback enable
DAC output
(EPWM)
Audio-In
(McBSP)
Headphone-Out
IR Receiver
(ECAP)
Comms (SCI)
ADC Pins
+5V Power In
Main Power
(SW1)
USB connector
for on-board
emulation (JP1)
JTAG
SCI Boot Pins
Temp
Sensor
(I2C)
CAN
EEPROM
(SPI)
Hex Encoder
(GPIO)
LEDs (GPIO)
Potentiometers (ADC)
PWM Pins
Hardware Overview
www.ti.com
1
Hardware Overview
The Peripheral Explorer Kit consists of multiple peripheral-based components. Figure 1 shows a diagram
of the Peripheral Explorer board and some of its key features.
Figure 1. Key Features of EVM Board
Note: For full details (schematics, pin-out table, etc) of the hardware please refer to the Hardware
Developer’s Package, PeripheralExplorer-HWdevPkg available at:
http://focus.ti.com/docs/toolsw/folders/print/tmdsprex28335.html
2
Peripheral Explorer Kit Overview
SPRUGM2A – January 2009 – Revised June 2010
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com