Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL852CDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL852CDR
Description  SONAR RANGING RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL852CDR Datasheet(HTML) 3 Page - Texas Instruments

  TL852CDR Datasheet HTML 1Page - Texas Instruments TL852CDR Datasheet HTML 2Page - Texas Instruments TL852CDR Datasheet HTML 3Page - Texas Instruments TL852CDR Datasheet HTML 4Page - Texas Instruments TL852CDR Datasheet HTML 5Page - Texas Instruments TL852CDR Datasheet HTML 6Page - Texas Instruments TL852CDR Datasheet HTML 7Page - Texas Instruments TL852CDR Datasheet HTML 8Page - Texas Instruments TL852CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TL852
SONAR RANGING RECEIVER
SLSS003 − SEPTEMBER 1983 − REVISED MARCH 1988
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Voltage at any pin with respect to GND
− 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage at any pin with respect to VCC
− 7 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
XIN input current (50% duty cycle)
±60 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at (or below) 25
°C free-air temperature (see Note 1)
1150 mW
. . . . . . . . . . . .
Operating free-air temperature range
− 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of this
specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: For operation above 25
°C, derate linearly at the rate of 9.2 mW/°C.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
4.5
6.8
V
High-level input voltage, VIH
GCA, GCB, GCC, GCD
2.1
V
Low-level input voltage, VIL
GCA, GCB, GCC, GCD
0.6
V
Bias resistor between BIAS and GND
64
72
k
Ω
Operating free-air temperature, TA
0
40
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Input clamp voltage at XIN
II = 40 mA
2.5
V
Input clamp voltage at XIN
II = − 40 mA
− 1.5
V
Open-circuit input voltage at GCA, GCB, GCC, GCD
VCC = 5 V,
II = 0
2.5
V
High-level input current, IIH, into GCA, GCB, GCC, GCD
VCC = 5 V,
VIH = 2 V
− 0.5
mA
Low-level input current, IIL, into GCA, GCB, GCC, GCD
VCC = 5 V,
VIL = 0
− 3
mA
Raceive output current
IG2IN = − 100 µA,
VO = 0.3 V
1
A
Raceive output current
IG2IN = 100 µA,
VO = 0.1 V
− 50
µA
Supply current, ICC
45
mA
‡ Typical values are at VCC = 5 V and TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com