Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16CP554APM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP554APM
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16CP554APM Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL16CP554APM Datasheet HTML 7Page - Texas Instruments TL16CP554APM Datasheet HTML 8Page - Texas Instruments TL16CP554APM Datasheet HTML 9Page - Texas Instruments TL16CP554APM Datasheet HTML 10Page - Texas Instruments TL16CP554APM Datasheet HTML 11Page - Texas Instruments TL16CP554APM Datasheet HTML 12Page - Texas Instruments TL16CP554APM Datasheet HTML 13Page - Texas Instruments TL16CP554APM Datasheet HTML 14Page - Texas Instruments TL16CP554APM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmitter switching characteristics over recommended ranges of operating free-air temperature
and supply voltage (see Figures 6, 7, and 8)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td5
Delay time, INTx
↓ to TXx↓ at start
See Note 7
8
24
RCLK
cycles
td6
Delay time, TXx
↓ at start to INTx↑
See Note 5
8
8
RCLK
cycles
td7
Delay time, IOW high or low (WR THR) to INTx
↑
See Note 5
16
32
RCLK
cycles
td8
Delay time, TXx
↓ at start to TXRDY↓
CL = 100 pF
8
RCLK
cycles
tpd1
Propagation delay time, IOW (WR THR)
↓ to INTx↓
CL = 100 pF
35
ns
tpd2
Propagation delay time, IOR (RD IIR)
↑ to INTx↓
CL = 100 pF
30
ns
tpd3
Propagation delay time, IOW (WR THR)
↑ to TXRDY↑
CL = 100 pF
50
ns
NOTE 5: If the transmitter interrupt delay is active, this delay is lengthened by one character time minus the last stop-bit time.
receiver switching characteristics over recommended ranges of operating free-air temperature
and supply voltage (see Figures 9 through 13)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td9
Delay time, stop bit to INTx
↑ or stop bit to RXRDY↓ or read RBR to set interrupt
See Note 6
1
RCLK
cycle
tpd4
Propagation delay time, Read RBR/LSR to INTx
↓/LSR interrupt↓
CL = 100 pF,
See Note 7
40
ns
tpd5
Propagation delay time, IOR RCLK
↓ to RXRDY↑
See Note 7
30
ns
NOTES:
6. The receiver data available indicator, the overrun error indicator, the trigger level interrupts, and the active RXRDY indicator are
delayed three RCLK (internal receiver timing clock) cycles in the FIFO mode (FCR0 = 1). After the first byte has been received, status
indicators (PE, FE, BI) are delayed three RCLK cycles. These indicators are updated immediately for any further bytes received after
IOR goes active for a read from the RBR register. There are eight RCLK cycle delays for trigger change level interrupts.
7. RCLK and baudout are internal signals derived from divisor latches LSB (DLL) and MSB (DLM) and input clock.
modem control switching characteristics over recommended ranges of operating free-air
temperature and supply voltage, CL = 100 pF (see Figures 14, 15, 16, and 17)
PARAMETER
MIN
MAX
UNIT
tpd6
Propagation delay time, IOW (WR MCR)
↑ to RTSx, DTRx↑
50
ns
tpd7
Propagation delay time, modem input CTSx, DSRx, and DCDx
↓↑ to INTx↑
30
ns
tpd8
Propagation delay time, IOR (RD MSR)
↑ to interrupt↓
35
ns
tpd9
Propagation delay time, RIx
↑ to INTx↑
30
ns
tpd10
Propagation delay time, CTS low to SOUT
↓ (See Note 7)
24
baudout
cycles
tsu6
Setup time CTS high to midpoint of Tx stop bit
2
baudout
cycles
tpd11
Propagation delay time, RCV threshold byte to RTS
↑
2
baudout
cycles
tpd12
Propagation delay time, IOR (RD RBR) low (read of last byte in receive FIFO) to RTS
↓
2
baudout
cycles
tpd13
Propagation delay time, first data bit of 16th character to RTS
↑
2
baudout
cycles
tpd14
Propagation delay time, IOR (RD RBR) low to RTS
↓
2
baudout
cycles
7. RCLK and baudout are internal signals derived from divisor latches LSB (DLL) and MSB (DLM) and input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com