Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STY145N65M5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STY145N65M5
Description  N-channel 650 V, 0.012 廓 typ., 138 A, MDmesh??V Power MOSFET in Max247 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY145N65M5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STY145N65M5 Datasheet HTML 3Page - STMicroelectronics STY145N65M5 Datasheet HTML 4Page - STMicroelectronics STY145N65M5 Datasheet HTML 5Page - STMicroelectronics STY145N65M5 Datasheet HTML 6Page - STMicroelectronics STY145N65M5 Datasheet HTML 7Page - STMicroelectronics STY145N65M5 Datasheet HTML 8Page - STMicroelectronics STY145N65M5 Datasheet HTML 9Page - STMicroelectronics STY145N65M5 Datasheet HTML 10Page - STMicroelectronics STY145N65M5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STY145N65M5
Electrical characteristics
Doc ID 023718 Rev 2
7/13
Figure 8.
Capacitance variations
Figure 9.
Output capacitance stored energy
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on-resistance vs
temperature
Figure 12.
Normalized BVDSS vs temperature
Figure 13.
Switching losses vs gate
resistance(1)
1.
Eon including reverse recovery of a SiC diode.
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID= 250µA
VDS= VGS
AM08899v1
RDS(on)
1.7
1.3
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
2.1
ID = 69A
VGS= 10V
AM08900v1
VDS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.92
0.94
0.96
0.98
1.00
1.04
1.06
1.02
ID = 1mA
1.08
AM10399v1
E
0
0
20
RG(
Ω)
(
μJ)
10
30
1000
2000
40
ID=85 A
VDD=400 V
Eon
Eoff
3000
VGS=10 V
4000
5000
6000
7000
8000
9000
AM15555v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com