| Electronic Components Datasheet Search |
|
TLK1501IRCPR Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLK1501IRCPR Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 32 page ![]() TLK1501 0.6 TO 1.5 GBPS TRANSCEIVER SLLS428F − JUNE 2000 − REVISED JANUARY 2004 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 synchronization and initialization (continued) The state of the receive data bus, status terminals, and serial inputs during the link acquisition process is illustrated in Figure 8 and Figure 9. ACQ Rx_DV RDx[0−15] SYNC DINRxP, D0−D15 IDLE or Carrier Extend IDLE or Carrier Extend IDLE or Carrier Extend DINRxN D0−D15 IDLE or Carrier Extend IDLE or Carrier Extend XXXXXXXXXXXXXXXXXXX RESET (Internal Signal) Rx_ER Figure 8. Receive Side Timing Diagram (Idle or Carrier Extend) ACQ Rx_DV RDx[0−15] SYNC DINRxP, D0−D15 DINRxN D0−D15 Valid Data or Error Prop XXXXXXXXXXXXXXXXXXX RESET (Internal Signal) IDLE D0−D15 D0−D15 Valid Data or Error Prop Rx_ER Figure 9. Receive Side Timing Diagram (Valid Data or Error Propagation) redundant port operation The TLK1501 allows users to design a redundant port by connecting receive data bus terminals from two TLK1501 devices together. Asserting the LCKREFN to a low state causes the receive data bus terminals, the RXD[0:15], RX_CLK and RX_ER, and RX_DV/LOS to go to a high-impedance state. PRBS verification The TLK1501 also has a built-in BERT function in the receiver side that is enabled by the PRBSEN. It can check for errors and report the errors by forcing the RX_ER/PRBSPASS terminal low. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |