Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC393IPWLE Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC393IPWLE
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC393IPWLE Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC393IPWLE Datasheet HTML 10Page - Texas Instruments TLC393IPWLE Datasheet HTML 11Page - Texas Instruments TLC393IPWLE Datasheet HTML 12Page - Texas Instruments TLC393IPWLE Datasheet HTML 13Page - Texas Instruments TLC393IPWLE Datasheet HTML 14Page - Texas Instruments TLC393IPWLE Datasheet HTML 15Page - Texas Instruments TLC393IPWLE Datasheet HTML 16Page - Texas Instruments TLC393IPWLE Datasheet HTML 17Page - Texas Instruments TLC393IPWLE Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115D − DECEMBER 1986 − REVISED JULY 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
02
4
6
8
10
VDD − Supply Voltage − V
OUTPUT FALL TIME
vs
SUPPLY VOLTAGE
60
50
40
30
20
0
10
50-mV Overdrive
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
12
14
16
CL = 100 pF
15 pF
50 pF
Figure 18
APPLICATION INFORMATION
The input should always remain within the supply rails in order to avoid forward biasing the diodes in the electrostatic
discharge (ESD) protection structure. If either input exceeds this range, the device will not be damaged as long as
the input current is limited to less than 5 mA. To maintain the expected output state, the inputs must remain within
the common-mode range. For example, at 25
°C with VDD = 5 V, both inputs must remain between −0.2 V and 4 V
to assure proper device operation.
To assure reliable operation, the supply should be decoupled with a capacitor (0.1-
µF) positioned as close to the
device as possible.
The TLC393 has internal ESD-protection circuits that prevent functional failures at voltages up to 2000 V as tested
under MIL-STD-883C, Method 3015.2; however, care should be exercised in handling these devices, as exposure
to ESD may result in the degradation of the device parametric performance.
Table of Applications
FIGURE
Pulse-width-modulated motor speed controller
19
Enhanced supply supervisor
20
Two-phase nonoverlapping clock generator
21
Micropower switching regulator
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com