Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX4101ASX Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPX4101ASX
Description  INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX4101ASX Datasheet(HTML) 3 Page - Motorola, Inc

  MPX4101ASX Datasheet HTML 1Page - Motorola, Inc MPX4101ASX Datasheet HTML 2Page - Motorola, Inc MPX4101ASX Datasheet HTML 3Page - Motorola, Inc MPX4101ASX Datasheet HTML 4Page - Motorola, Inc MPX4101ASX Datasheet HTML 5Page - Motorola, Inc MPX4101ASX Datasheet HTML 6Page - Motorola, Inc MPX4101ASX Datasheet HTML 7Page - Motorola, Inc MPX4101ASX Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPX4101 SERIES
3
Motorola Sensor Device Data
Figure 2. Cross Sectional Diagram
(Not to Scale)
µ PROCESSOR
A/D
51 k
50 pF
SENSOR
OUTPUT
(PIN 1)
Figure 3. Decoupling Filter for Sensor to
Microprocessor Interface
FLUORO SILICONE
GEL DIE COAT
WIRE BOND
LEAD
FRAME
STAINLESS
STEEL CAP
EPOXY
PLASTIC
CASE
DIE
BOND
ABSOLUTE ELEMENT
SEALED VACUUM REFERENCE
DIE
P1
P2
Figure 2 illustrates an absolute sensing chip in the basic
chip carrier (Case 867). A fluorosilicone gel isolates the die
surface and wire bonds from the environment, while allowing
the pressure signal to be transmitted to the sensor dia-
phragm. The MPX4101A series pressure sensor operating
characteristics, and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media,
other than dry air, may have adverse effects on sensor
performance and long–term reliability. Contact the factory for
information regarding media compatibility in your application.
Figure 3 shows a typical decoupling circuit for interfacing
the integrated MAP sensor to the A/D input of a microproces-
sor. Proper decoupilng of the power supply is recommended.
Figure 4 shows the sensor output signal relative to pres-
sure input. Typical, minimum, and maximum output curves
are shown for operation over a temperature range of 0
° to
85
°C. (The output will saturate outside of the specified pres-
sure range.)
6.0
5.0
4.0
3.0
2.0
Pressure (ref: to sealed vacuum) in kPa
TYP
MAX
MIN
1.0
0.0
Figure 4. Output versus Absolute Pressure
TEMP = 0 to 85
°C
15 kPa TO 102 kPa
MPX4101A
TRANSFER FUNCTION:
Vout = Vs* (.01059*P–.109) ± Error
VS = 5.1 Vdc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com