Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60401DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVT
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60401DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60401DBVT Datasheet HTML 3Page - Texas Instruments TPS60401DBVT Datasheet HTML 4Page - Texas Instruments TPS60401DBVT Datasheet HTML 5Page - Texas Instruments TPS60401DBVT Datasheet HTML 6Page - Texas Instruments TPS60401DBVT Datasheet HTML 7Page - Texas Instruments TPS60401DBVT Datasheet HTML 8Page - Texas Instruments TPS60401DBVT Datasheet HTML 9Page - Texas Instruments TPS60401DBVT Datasheet HTML 10Page - Texas Instruments TPS60401DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60mA CHARGE PUMP VOLTAGE INVERTER
SLVS324A − JULY 2001 REVISED NOVEMBER 2004
7
WWW.TI.COM
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output current at 3.3 V, 5 V
TPS60400, TPS60401, TPS60402, TPS60403
2, 3
II
Input current
vs Output current
TPS60400, TPS60401, TPS60402, TPS60403
4, 5
IS
Supply current
vs Input voltage
TPS60400, TPS60401, TPS60402, TPS60403
6, 7
Output resistance
vs Input voltage at −40
°C, 0°C, 25°C, 85°C
TPS60400, CI = C(fly) = CO = 1 µF
TPS60401, CI = C(fly) = CO = 10 µF
TPS60402 , CI = C(fly) = CO = 3.3 µF
TPS60403, CI = C(fly) = CO = 1 µF
8, 9, 10,
11
VO
Output voltage
vs Output current at 25
°C, VIN=1.8 V, 2.5 V, 3.3 V, 5 V
TPS60400, CI = C(fly) = CO = 1 µF
TPS60401, CI = C(fly) = CO = 10 µF
TPS60402 , CI = C(fly) = CO = 3.3 µF
TPS60403, CI = C(fly) = CO = 1 µF
12, 13,
14, 15
fOSC
Oscillator frequency
vs Temperature at VI = 1.8 V, 2.5 V, 3.3 V, 5 V
TPS60400, TPS60401, TPS60402, TPS60403
16, 17,
18, 19
fOSC
Oscillator frequency
vs Output current TPS60400 at 2 V, 3.3 V, 5.0 V
20
Output ripple and noise
VI = 5 V, IO = 30 mA, CI = C(fly) = CO = 1 µF (TPS60400)
VI = 5 V, IO = 30 mA, CI = C(fly) = CO = 10 µF (TPS60401)
VI = 5 V, IO = 30 mA, CI = C(fly) = CO = 3.3 µF (TPS60402)
VI = 5 V, IO = 30 mA, CI = C(fly) = CO = 1 µF (TPS60403)
21, 22
Figure 2
60
65
70
75
80
85
90
95
100
0
10
20
3040
506070
8090
100
TPS60400
VI = 5 V
TPS60401
VI = 5 V
TPS60400
VI = 3.3 V
TPS60401
VI = 3.3 V
TA = 25°C
TPS60400, TPS60401
EFFICIENCY
vs
OUTPUT CURRENT
IO − Output Current − mA
Figure 3
60
65
70
75
80
85
90
95
100
0
10
20
30
405060
708090
100
TPS60403
VI = 5 V
TPS60402
VI = 5 V
TPS60402
VI = 3.3 V
TPS60403
VI = 3.3 V
TA = 25°C
TPS60402, TPS60403
EFFICIENCY
vs
OUTPUT CURRENT
IO − Output Current − mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com