Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-M700 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M700
Description  Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers Surface mountable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M700 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M700 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M700 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M700 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M700 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M700 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M700 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M700 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M700 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M700 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Outline Drawing (JEDEC MO-155)
MXXX
XXX
6
5
4
3
1
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
VCC
VOUT
GND
CATHODE
ANODE
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050)
BSC
0.15 ± 0.025
(0.006 ± 0.001)
0.71
(0.028)
MIN.
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
DIMENSIONS IN MILLIMETERS (INCHES)
* MAXIMUM MOLD FLASH ON EACH SIDE IS 0.15 mm (0.006)
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)
Ordering Information
HCPL-M700 and HCPL-M701 are UL Recognized with 3750 Vrms for 1 minute per UL1577 and are approved
under CSA Component Acceptance Notice #5, File CA 88324.
Option
Part
RoHS
Non RoHS
Surface
Gull
Tape &
Number
Compliant
Compliant
Package
Mount
Wing
Reel
Quantity
HCPL-M700
-000E
No option
SO-5
100 per tube
HCPL-M701
-500E
#500
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the
option column to form an order entry.
Example 1:
HCPL-M700-500E to order product of Mini-flat Surface Mount 5-pin package in Tape and Reel packaging
with RoHS compliant.
Example 2:
HCPL-M700 to order product of Mini-flat Surface Mount 5-pin package in tube packaging and non RoHS
compliant.
Option data sheets are available. Contact your Avago sales representative or authorized distributor for
information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July
2001 and RoHS compliant option will use ‘-XXXE‘.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com