Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5705APZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5705APZ
Description  Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5705APZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5705APZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5705APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
 ROHS-6 Compliant
 Optional Digital Diagnostic Monitoring available
- AFCT-5701Z family: without DMI
- AFCT-5705Z family: with DMI
 Per SFF-8472, diagnostic features on AFCT-5705Z
family enable Diagnostic Monitoring Interface for
optical transceivers with real-time monitoring of:
- Transmitted optical power
- Received optical power
- Laser bias current
- Temperature
- Supply voltage
 Compliant to IEEE 802.3Z Gigabit Ethernet (1.25 GBd)
1000BASE-LX & ANSI Fibre Channel Physical Inter-
faces (FC-PI 100-SM-LC-L)
 Small Form Factor Pluggable (SFP) Multi-Source
Agreement (MSA) compliant
 Manufactured in an ISO 9001 compliant facility
 Hot-pluggable
 Temperature options
(Extended) -10°C to +85°C
(Industrial) -40°C to +85°C
 +3.3 V dc power supply
 1310 nm longwave laser
 Eye safety certified:
- US 21 CFR(J)
- IEC 60825-1 (+All)
 LC-Duplex fiber connector compatible
 Link Lengths at 1.0625 GBd:
- up to 10 km - SMF
 Link Lengths at 1.25 GBd:
- 0.5 to 550 m - 50 μm MMF
- 0.5 to 550 m - 62.5 μm MMF
- 0.5 m to 10 km - SMF
Applications
 Ethernet Switch
 Enterprise Router
 Broadband aggregation and wireless infrastructure
 Switched backplane applications
 File server interface
 Storage applications including Fibre Channel and
iSCSCI
Description
The AFCT-570xZ family of Small Form Factor Plugga-
ble (SFP) LC optical transceivers offers a wide range of
design options, including optional DMI features (further
described later), two temperature ranges (extended or
industrial), and choice of standard or bail delatch. The
AFCT-5705Z family targets applications requiring DMI,
while the AFCT-5701Z family is streamlined for those
applications where DMI is not needed. Throughout this
datasheet, AFCT-570xZ will refer to the entire product
family encompassing this full range of product options.
Part Number Options
The AFCT-570xZ SFP family consists of the following
products:
Part Number
DMI
Temperature
Latch Design
AFCT-5701LZ
No
Extended
Standard
AFCT-5701PZ
No
Extended
Bail
AFCT-5701ALZ
No
Industrial
Standard
AFCT-5701APZ
No
Industrial
Bail
AFCT-5705LZ
Yes
Extended
Standard
AFCT-5705PZ
Yes
Extended
Bail
AFCT-5705ALZ
Yes
Industrial
Standard
AFCT-5705APZ
Yes
Industrial
Bail
* Extended Temperature Range is -10 to 85 degrees C
Industrial Temperature Range is -40 to 85 degrees C
Related Products
 AFBR-5705Z SFP family: 1.25GBd Ethernet
(1000BASE-SX) & 1.0625GBd Fibre Channel with DMI
 AFBR-5701Z SFP family: 1.25GBd Ethernet
(1000BASE-SX) & 1.0625GBd Fibre Channel without
DMI
 AFCT-5715Z SFP family: 1.25GBd Ethernet
(1000BASE-LX) with DMI
 AFCT-5710Z SFP family: 1.25GBd Ethernet
(1000BASE-LX) without DMI
AFCT-5701Z and AFCT-5705Z
Families of Single-Mode Small Form Factor Pluggable (SFP)
Optical Transceivers with Optional DMI for Gigabit Ethernet
(1.25 GBd) and Fibre Channel (1.0625 GBd)
Data Sheet


Similar Part No. - AFCT-5705APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5705APZ AVAGO-AFCT-5705APZ Datasheet
254Kb / 20P
Optical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5705APZ AVAGO-AFCT-5705APZ Datasheet
254Kb / 20P
Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
More results

Similar Description - AFCT-5705APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5765ANPZ AVAGO-AFCT-5765ANPZ Datasheet
246Kb / 19P
Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI Part of the Avago Technologies METRAK Family
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5760Z AVAGO-AFCT-5760Z Datasheet
248Kb / 20P
Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
Families of Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com