Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX5010D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPX5010D
Description  INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5010D Datasheet(HTML) 2 Page - Motorola, Inc

  MPX5010D Datasheet HTML 1Page - Motorola, Inc MPX5010D Datasheet HTML 2Page - Motorola, Inc MPX5010D Datasheet HTML 3Page - Motorola, Inc MPX5010D Datasheet HTML 4Page - Motorola, Inc MPX5010D Datasheet HTML 5Page - Motorola, Inc MPX5010D Datasheet HTML 6Page - Motorola, Inc MPX5010D Datasheet HTML 7Page - Motorola, Inc MPX5010D Datasheet HTML 8Page - Motorola, Inc MPX5010D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MPX5010 SERIES
2
Motorola Sensor Device Data
OPERATING CHARACTERISTICS (VS = 5.0 Vdc, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
POP
0
—
10
kPa
Supply Voltage(2)
VS
4.75
5.0
5.25
Vdc
Supply Current
Io
—
7.0
10
mAdc
Minimum Pressure Offset(3)
(0 to 85
°C)
@ VS = 5.0 Volts
Voff
0
0.2
0.425
Vdc
Full Scale Output(4)
(0 to 85
°C)
@ VS = 5.0 Volts
VFSO
4.475
4.7
4.925
Vdc
Full Scale Span(5)
(0 to 85
°C)
@ VS = 5.0 Volts
VFSS
—
4.5
—
Vdc
Accuracy(6)
(0 to 85
°C)
—
—
—
±5.0
%VFSS
Sensitivity
V/P
—
450
—
mV/kPa
Response Time(7)
tR
—
1.0
—
ms
Output Source Current at Full Scale Output
IO+
—
0.1
—
mAdc
Warm–Up Time(8)
—
—
20
—
ms
Offset Stability(9)
—
—
±0.5
—
%VFSS
MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight, Basic Element (Case 867)
—
—
4.0
—
Grams
Common Mode Line Pressure(10)
—
—
—
690
kPa
NOTES:
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range.
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
4. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
5. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
6. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with zero differential pressure
applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
• TcSpan:
Output deviation over the temperature range of 0
° to 85°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0
° to 85°C, relative
to 25
°C.
• Variation from Nominal: The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25°C.
7. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
8. Warm–up is defined as the time required for the product to meet the specified output voltage after the Pressure has been stabilized.
9. Offset stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
10. Common mode pressures beyond what is specified may result in leakage at the case–to–lead interface.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com