Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRF18BE471RB5RB Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 103 page
background image
Chip Type 0805(2012) Size
Part Number
Max.
Voltage
(V)
Hold Current
(at +60°C)
(mA)
Hold Current
(at +25°C)
(mA)
Trip Current
(at +25°C)
(mA)
Trip Current
(at -10°C)
(mA)
Max.
Current
(mA)
Resistance
(at +25°C)
(ohm)
PRG21BB220MB1RK
20
30
44
91
110
1100
22 ±20%
PRG21BB150MB1RK
20
40
59
116
140
1600
15 ±20%
PRG21BC6R8MM1RA
30
80
120
260
320
5500
6.8 ±20%
PRG21BC4R7MM1RA
30
100
155
330
400
8000
4.7 ±20%
PRG21BC3R3MM1RA
20
120
180
400
480
6000
3.3 ±20%
PRG21BC2R2MM1RA
16
150
220
500
600
6500
2.2 ±20%
PRG21BC1R0MM1RA
12
220
330
740
850
10000
1.0 ±20%
PRG21BC0R6MM1RA
6
285
420
920
1100
10000
0.6 ±20%
PRG21BC0R2MM1RA
6
500
750
1620
2000
10000
0.2 ±20%
Maximum Current shows typical capacities of the transformer which can be used.
This series is applied to reflow soldering.
This series is recognized by UL.
a
Solder resist
(in mm)
b
Land
Chip
Part Number
Soldering
Methods
Chip (L
gW)
a
Dimensions (mm)
bc
1.6
g0.8
Reflow Soldering
Reflow Soldering
0.6-0.8 0.6-0.7 0.6-0.8
2.0
g1.25 1.0-1.2 0.5-0.7 1.0-1.2
PRG18
PRG21
c Standard Land Pattern Dimensions
40
30
20
10
–10
0
102030405060
0
Ambient Temperature (°C)
Trip current
Hold current
Protective threshold current
c Protective Threshold Current Range
PRG18BB471MB1RB
60
40
20
–10
0
102030405060
0
Ambient Temperature (°C)
Trip current
Hold current
Protective threshold current
PRG18BB221MB1RB
Continued on the following page.
R90E.pdf
Sep.24,2012
14
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com