Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PV37X100C01 Datasheet(PDF) 49 Page - Murata Manufacturing Co., Ltd.

Part # PV37X100C01
Description  Trimmer Potentiometers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37X100C01 Datasheet(HTML) 49 Page - Murata Manufacturing Co., Ltd.

Back Button PV37X100C01 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. PV37X100C01 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
SMD Sealed Type (PVG3/M4A_D01/G5)/Lead Sealed Type (PV32/12/37/36) Specifications and Test Methods
Continued from the preceding page.
Continued on the following page.
13
Low Temperature Operation
(Only for PVM4A
---D01)
The trimmer potentiometer should be placed in a chamber at a temperature of -25±3°C (-55±3°C for
PVM4A
---D01 series) 48±4 hours without loading. The trimmer potentiometer should be removed from the
chamber, and maintained at a temperature of 25±5°C for 1-2 hours.
12
Low Temperature Exposure
(Except for PVM4A
---D01)
The trimmer potentiometer should be placed in a chamber at a temperature of -55±3°C for 1 hours without loading.
Full rated continuous working voltage not exceeding the maximum rated voltage should be applied for 45 minutes.
The trimmer potentiometer should be removed from the chamber, and maintained at a temperature of 25±5°C for
approximately 24 hours.
11
High Temperature Exposure
The trimmer potentiometer should be placed in a chamber at a temperature of 125±3°C 250±8 hours without
loading. The trimmer potentiometer should be removed from the chamber, and maintained at a temperature of
25±5°C for 1 to 2 hours.
10
Temperature Load Life
Full rated continuous working voltage not exceeding the maximum rated voltage should be applied intermittently
between terminal #1 and terminal #3 of the trimmer potentiometer, 1.5 hours on and 0.5 hours off, for a total of
1000±12 hours, at a temperature of 70±2°C (85±2°C for PV37 series). The trimmer potentiometer should be
removed from the chamber, and maintained at a temperature of 25±5°C for 1 to 2 hours.
9
Shock
1) PV
-- series
The trimmer potentiometer should be shocked at the 100G level and should be subjected to 4 shocks in each of the
three axis directions for a total of 12 shocks.
2) PVM4A
---D01 series
The trimmer potentiometer should be shocked at the 100G level and should be subjected to 3 shocks in each of the
six axis directions for a total of 18 shocks.
8
Vibration
1) PV
-- series
The trimmer potentiometer should be vibrated throughout the frequency range at the 20G level. A complete
frequency range, 10Hz to 2000Hz and back, should be made within 15 minutes for a total of 4 sweeps in each of the
three axis directions for a total of 12 sweeps.
7
Humidity
1) PV12, PV32, PVM4A
---D01 series
The trimmer potentiometer should be placed in a chamber at a temperature of 40±2°C and a humidity of 90-95%
without loading for 250±8 hours (500±12 hours for PVM4A
---D01 series). The trimmer potentiometer should be
removed from the chamber, and maintained at a temperature of 25±5°C for 5±1/6 hours.
2) PVG3, PVG5, PV36, PV37 series
The trimmer potentiometer should be subjected to the programmed humidity environment for 10 cycle (see Figure 3).
The trimmer potentiometer should be removed from the chamber, and maintained at a temperature of 25±5°C for
1.5±1/2 hours.
Figure 3
6
Temperature Cycle
The trimmer potentiometer should be subjected to Table 4 temperature for 5 cycles. The trimmer potentiometer
should be removed from the chamber, and maintained at a temperature of 25±5°C for 1-2 hours.
Table 4: One cycle of temperature cycle.
Sequence
PV
-- series
1
-55±3
30
2
+25±2
5 max.
3
+125±3
30
4
+25±2
5 max.
Temp. (°C)
Time (min.)
No.
Test Methods
Item
INITIAL CONDITIONING
IN A DRY OVEN
24 HOURS
INITIAL MEASUREMENTS
AS SPECIFIED IN 3.2
CIRCULATION OF CONDITIONING AIR SHOULD
BE AT A MINIMUM CUBIC RATE PER MINUTE
EQUIVALENT TO 5 TIMES THE VOLUME OF
THE CHAMBER
22 23 24
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
70
65
60
55
50
45
40
35
30
25
20
15
10
5
-5
-10
0
ONE CYCLE 24 HOURS. REPEAT AS SPECIFIED IN 3.3
PRIOR TO FIRST CYCLE
UNLESS OTHERWISE
SPECIFIED
STEP 7
STEP 6
STEP 5
STEP 4
STEP 3
STEP 2
STEP 1
UNLESS OTHERWISE SPECIFIED
TEMPERATURE TOLERANCE IS,
±2°C AT ALL POINTS WITHIN THE
CHAMBER EXCEPT THE IMMEDIATE
VICINITY OF THE SPECIMENS AND
THE CHAMBER SURFACES
STEP 7a
STEPS 7a AND 7b PERFORMED DURING ANY
5 OF THE FIRST 9 CYCLES. HUMIDITY
UNCONTROLLED DURING STEPS 7a AND 7b
ONLY
VOLTAGE APPLIED AS SPECIFIED IN 3.5
STEP 7b
END OF FINAL CYCLE
MEASUREMENTS AS
SPECIFIED IN 3.6
+10°C
-2°C
HUMIDITY
UNCONTROLLED
RATE OF CHANGE OF TEMPERATURE IS UNSPECIFIED.
HOWEVER, SPECIMENS SHOULD NOT BE SUBJECTED
TO RADIANT HEAT FROM CHAMBER-CONDITIONING
PROCESSES
90-98%RH
80-98%RH
90-98%RH
80-98%RH
90-98%RH
MIL-STD-202 METHOD 106
R50E.pdf
Jul.23,2012
47
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com