Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBV-R020-0.5 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R020-0.5
Description  Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PBV-R020-0.5 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button PBV-R020-0.5 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED PBV-R020-0.5 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Table 7. Electrical Specifications
Unless otherwise noted, TA = -40° C to +105° C, VDD1 = 4.5 V to 5.5 V, VDD2 = 3 V to 5.5 V, VIN+ = -200 mV to +200 mV, and
VIN– = 0 V (single-ended connection); tested with Sinc3 filter, 256 decimation ratio.
Parameter
Symbol
Min.
Typ.[1] Max.
Units
Test Conditions/Notes
Fig.
STATIC CHARACTERISTICS
Resolution
16
Bits
Decimation filter output set to 16 bits
Integral Nonlinearity
INL
-15
3
15
LSB
TA = -40° C to +85° C; see Definitions
section
-25
3
25
LSB
TA = 85° C to 105° C
Differential Nonlinearity
DNL
-0.9
0.9
LSB
No missing codes, guaranteed by
design; see Definitions section
Offset Error
VOS
-2
0.4
2
mV
TA = -40° C to +105° C;
see Definitions section
5
Offset Drift vs. Temperature
TCVOS
2
6
mV/°C
VDD1 = 5 V
Offset Drift vs. VDD1
220
mV/V
Internal Reference Voltage
VREF
320
mV
Reference Voltage Tolerance
GE
-1
1
%
TA = 25° C, VIN+ = -320 to +320 mV;
see Definitions section
-2
2
%
TA = -40° C to +105° C,
VIN+ = -320 to +320 mV
6
VREF Drift vs. Temperature
TCGE
60
ppm/°C
VREF Drift vs. VDD1
-1.3
mV/V
Note 4
ANALOG INPUTS
Full-Scale Differential Voltage
Input Range
FSR
320
mV
VIN = VIN+ – VIN–; Note 2
Average Input Bias Current
IINA
-0.3
mA
VDD1 = 5V, VDD2 = 5V, VIN+ = 0 V;
Note 3
7
Average Input Resistance
RIN
24
k
Ω
Across VIN+ or VIN– to GND1; Note 3
Input Capacitance
CINA
8
pF
Across VIN+ or VIN– to GND1
DYNAMIC CHARACTERISTICS
VIN+ = 400 mVpp, 1 kHz sine wave
Signal-to-Noise Ratio
SNR
68
78
dB
TA = -40° C to +105° C;
see Definitions section
8
Signal-to-(Noise + Distortion)
Ratio
SNDR
65
75
dB
TA = -40° C to +105° C;
see Definitions section
9
Effective Number of Bits
ENOB
12
Bits
see Definitions section
Isolation Transient Immunity
CMR
25
kV/
ms
VCM = 1 kV; See Definitions section
Common-Mode Rejection Ratio
CMRR
74
dB
DIGITAL OUTPUTS
Output High Voltage
VOH
VDD2
0.2
VDD2
0.1
V
IOUT = -200 mA
Output Low Voltage
VOL
0.6
V
IOUT = +1.6 mA
POWER SUPPLY
VDD1 Supply Current
IDD1
9
14
mA
VIN+ = –320 mV to +320 mV
10
VDD2 Supply Current
IDD2
5.2
8
mA
VDD2 = 5 V supply
11
4.6
7
mA
VDD2 = 3.3 V supply
12
Notes:
1. All Typical values are at TA = 25° C, VDD1 = 5 V, VDD2 = 5 V.
2. Beyond the full-scale input range the data output is either all zeroes or all ones.
3. Because of the switched-capacitor nature of the isolated modulator, time averaged values are shown.
4. VREF Drift vs. VDD1 can be expressed as –0.4%/V with reference to VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com