Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P341 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P341
Description  3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P341 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-P341 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Figure 19. UVLO test circuit
Figure 20. tPHL, tPHL, tr and tf test circuit and waveforms
Figure 21. CMR test circuit with split resistors network and waveforms
1
2
3
6
5
4
+
_
1 F
VO > 5 V
IF = 7 to 16 mA
VCC
VO
VCC = 15 to 30 V
1 F
10
25 nF
+
_
1
2
3
6
5
4
IF = 7 to 16 mA,
20 kHz, 50% Duty Cycle
10 mA
10 mA
10 mA
VCC = 30 V
VO
+
_
1 F
VCM = 1500 V
5 V
205
137
+
_
1
2
3
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com