Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1047AVNBTR Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1047AVNBTR
Description  Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047AVNBTR Datasheet(HTML) 1 Page - Microchip Technology

  TC1047AVNBTR Datasheet HTML 1Page - Microchip Technology TC1047AVNBTR Datasheet HTML 2Page - Microchip Technology TC1047AVNBTR Datasheet HTML 3Page - Microchip Technology TC1047AVNBTR Datasheet HTML 4Page - Microchip Technology TC1047AVNBTR Datasheet HTML 5Page - Microchip Technology TC1047AVNBTR Datasheet HTML 6Page - Microchip Technology TC1047AVNBTR Datasheet HTML 7Page - Microchip Technology TC1047AVNBTR Datasheet HTML 8Page - Microchip Technology TC1047AVNBTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2001-2012 Microchip Technology Inc.
DS21498D-page 1
TC1047/TC1047A
Features
• Supply Voltage Range:
- TC1047: 2.7V to 4.4V
- TC1047A: 2.5V to 5.5V
• Wide Temperature Measurement Range:
--40oC to +125oC
• High Temperature Converter Accuracy:
-± 2oC, Max, at 25°C
• Linear Temperature Slope: 10 mV/°C (typ.)
• Available in 3-Pin SOT-23B Package
• Very Low Supply Current:
-35 µA Typical
Applications
• Cellular Phones
• Power Supply Thermal Shutdown
• Temperature-Controlled Fans
• Temperature Measurement/Instrumentation
• Temperature Regulators
• Consumer Electronics
• Portable Battery-Powered Equipment
Block Diagram
General Description
The TC1047 and TC1047A are linear voltage output
temperature sensors whose output voltage is directly
proportional
to
the
measured
temperature.
The
TC1047 and TC1047A can accurately measure
temperature from -40°C to +125°C. With the TC1047,
the supply voltage can vary between 2.7V and 4.4V.
The power supply range of the TC1047A is from 2.5V
to 5.5V.
The output voltage range for these devices is typically
100 mV at -40°C, 500 mV at 0°C, 750 mV at +25°C and
1.75V at +125°C. A 10 mV/°C voltage slope output
response
allows
for
a
predictable
temperature
measurement over a wide temperature range. The
TC1047 and TC1047A are packaged in 3-pin SOT-23B
packages,
making
them
ideal
for
space-critical
applications.
Package Type
TC1047A
VDD = 2.5V to 5.5V
VDD
PIC®
A/D
VSS
Microcontroller
Converter
Note: 3-Pin SOT-23B is equivalent to JEDEC TO-236
VOUT
VSS
VDD
3-Pin SOT-23B(NOTE)
TC1047/1047A
1
2
3
Precision Temperature-to-Voltage Converter


Similar Part No. - TC1047AVNBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1047AVNB MICROCHIP-TC1047AVNB Datasheet
410Kb / 12P
Precision Temperature-to-Voltage Converter
2002
More results

Similar Description - TC1047AVNBTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Microchip Technology
TC1046 MICROCHIP-TC1046 Datasheet
405Kb / 10P
High Precision Temperature-to-Voltage Converter
2002
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
Precision Temperature-to-Voltage Converter
2002
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
Precision Temperature-to-Voltage Converter
2006
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com