Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7201PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201PWPR
Description  Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCD7201PWPR Datasheet HTML 9Page - Texas Instruments UCD7201PWPR Datasheet HTML 10Page - Texas Instruments UCD7201PWPR Datasheet HTML 11Page - Texas Instruments UCD7201PWPR Datasheet HTML 12Page - Texas Instruments UCD7201PWPR Datasheet HTML 13Page - Texas Instruments UCD7201PWPR Datasheet HTML 14Page - Texas Instruments UCD7201PWPR Datasheet HTML 15Page - Texas Instruments UCD7201PWPR Datasheet HTML 16Page - Texas Instruments UCD7201PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
−50
50
125
−25
0
25
75
100
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
TJ − Temperature − °C
tR = Rise Time
tF = Fall Time
CLOAD = 2.2 nF
−50
50
125
−25
0
25
75
100
0.0
0.5
1.0
1.5
2.0
2.5
TJ − Temperature − °C
Input Rising
Input Falling
5
15
25
35
45
55
65
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
5
10
15
20
25
30
35
40
45
5
7.5
10
12.5
15
VDD − Supply Voltage − V
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
UCD7201
www.ti.com
SLUS645E – FEBRUARY 2005 – REVISED NOVEMBER 2009
INPUT THRESHOLDS
OUTPUT RISE TIME AND FALL TIME
vs
vs
TEMPERATURE
TEMPERATURE (VDD = 12 V)
Figure 12.
Figure 13.
RISE TIME
FALL TIME
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 14.
Figure 15.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com