Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMS3016DC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS3016DC
Description  DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS3016DC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS3016DC Datasheet HTML 1Page - Fairchild Semiconductor FDMS3016DC Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For data sheets, application notes, samples and more, please visit: www.fairchildsemi.com
for a complete listing of sales representatives and sales offices
, visit:
www.fairchildsemi.com/cf/sales_contacts
to receive information on fairchild products
, tradeshows, online seminars
and other items
, register here for updates:
www.fairchildsemi.com/my_fairchild
Dual Cool Package
3.3mm x 3.3mm
PQFN
3.3mm x 3.3mm
120.00
100.00
80.00
60.00
40.00
20.00
0.00
15
10 15 20 25 30 35
Load (A)
1-Phase CCM with Heat Sink and Forced Air 200LFM
Board
Solderable Component
Area
DirectFET
% Difference
Solderable Area
Total
Component Area (Max)
Dual Cool Package
3.3mm x 3.3mm
4.5mm2
The new
standard
11.56mm2
Competitor
3mm2
33% less
19.16mm2
Top
Dual Cool Package
Competitor Package
Bottom
5mm x 6mm Package
Product Number
SyncFET™
Technology
BV
DSS
V
GS
R
DS(ON) Max (m)
Qg
Qgd
10V
8V
6V
4.5V
(nC)
(nC)
FDMS8570SDC
Y
25
20
2.8
-
-
3.3
22
4.4
FDMS7650DC
N
30
20
0.99
-
-
1.55
42
9.7
FDMS3006SDC
Y
30
20
1.9
-
-
2.7
26
5.3
FDMS3008SDC
Y
30
20
2.6
-
-
3.3
21
4.3
FDMS3016DC
N
30
20
6
-
-
9
7.6
2.5
FDMS8320LDC
N
40
20
1.1
-
-
1.5
57
16
FDMS86500DC
N
60
20
2.3
3.3
-
-
76
15
FDMS86300DC
N
80
20
3.1
4
-
-
72
14
FDMS86101DC
N
100
20
7.5
-
12
-
31
7
FDMS86200DC
N
150
20
17
-
25
-
30
5.6
3.3mm x 3.3mm Package
Product Number
SyncFET
Technology
BV
DSS
V
GS
R
DS(ON) Max (m)
Qg
Qgd
10V
8V
6V
4.5V
(nC)
(nC)
FDMC7660DC
N
30
20
-
-
-
-
-
-
FDMC86520DC
N
60
20
6.3
8.7
-
-
29
5.5
Trademarks, service marks, and registered trademarks are the property of Fairchild Semiconductor
or their respective owners. For a listing of Fairchild Semiconductor trademarks and related
information, please see: www.fairchildsemi.com/legal
Lit. No. 100027-004 © 2013 Fairchild Semiconductor. All Rights Reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com