| Electronic Components Datasheet Search |
|
IMX53ATFS Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX53ATFS Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 2 page ![]() Connectivity •High-SpeedUSB2.0OTGwithPHY •High-SpeedUSB2.0HostwithPHY •TwoadditionalHigh-SpeedUSBcontrollers •Widearrayofserialinterfaces,including SDIO, SPI, I2C and UART •ThreeI2S interfaces capable of asynchronous operation plus an enhanced serial audio interface for multichannel synchronous audio I/O •Asynchronoussamplerateconverter hardware to eliminate need for complex ARM software to align multiple audio sample rates from different sources •10/100Ethernetcontrollerwithintegrated IEEE® 1588 time stamping functionality •IntegratedMLB50anddualCANcontrollers for automotive networking support •SATAsupportupto1.5Gbps Security •Securitycontroller,includingsecure RAM and security monitor •Availablehighassurancebootcapabilityto assure correct run time software operation •JTAGcontrollerwithmultiplelevelsof disablement •Securereal-timeclocksuitableforDRMuse •Cipherandrandomnumbergenerator accelerators •Uniqueidentificationforeachdie •Tamperdetectioncapability Packaging •19mmx19mm,0.8mmpitch TEPBGA-2 package •-40°Cto+85°Coperationrangecapableof 125°Cjunctiontemperature Multimedia Powerhouse The multimedia performance of the i.MX536 processor is boosted by a multi-standard hardware video codec capable of decoding video up to 1080p and encoding up to 720p. The i.MX534 and i.MX536 processors provide an integrated OpenGL ES 2.0 graphics processing unit that provides an incredible 33 MTri/s/sec and effective 800 Mpix/sec (with overdraw) and an independent OpenVG 1.1 vector graphics engine capable of rendering up to 200 Mpix/sec. Availability Currently available for sampling to high- volume automotive customers and will be available through distribution in early 2011. Development Can Start Now There are several options for starting development: •Thei.MX53EVKconfiguredwiththe i.MX536 is available today for high volume design-in activity •Freescalewillalsobereleasinga Smart Application Blueprint for Rapid Engineering (SABRE) platform for automotive infotainment based on the i.MX53 (available early 2011), as well as other platforms targeted toward the consumer, industrial and general embedded markets Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. ARM is a registered trademark of ARM Limited. Cortex-A8 is a trademark of ARM Limited. All other product or service names are the property of their respective owners. © 2010 Freescale Semiconductor, Inc. DocumentNumber:IMX53ATFS REV 0 Learn More: For current information about i.MX53 applications processors, please visit freescale.com/iMX53. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |