Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B3125LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B3125LE
Description  3.3V, 4-Bit, 2-Port Nanoswitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3125LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B3125LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI3B3125/PI3B3126
3.3V, 4-Bit, 2-Port NanoSwitch™
w/Individual Enables
3
PS8153F
09/09/04
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(4)
Description
Test Conditions
Typ.
Units
CIN
Input Capacitance
VIN = 0V
3.5
pF
COFF
A/B Capacitance, Switch Off
8
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ.(2) Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max. VIN = GND or VCC
0.1
3
µA
ΔICC
Supply Current per Input HIGH
VCC = Max. VIN = 3.0V(3)
750
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOFF
Off Current
VCC = 0, VOUT = 3 to 3.6V
10
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–1.2
V
RON
Switch On-Resistance(3)
VCC = Min., VIN = 0.0V, ION = 48mA or 60mA
5
8
Ω
VCC = Min., VIN = 2.4V, ION = 15mA
10
17
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2.
Typical values are at VCC = 3.3V, +25°C ambient.
3.
Per driven input (control inputs only); A and B pins do not contribute to ICC.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined by the lower of the
voltages on the two (A, B) pins.
4. This parameter is determined by device characterization but is not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com