Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LVC3245ALE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74LVC3245ALE
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC3245ALE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74LVC3245ALE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PI74LVC3245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
7
PS8699C
11/10/08
PARAMETER MEASUREMENT INFORMATION FOR B TO A PORT
VCCA =2.7V TO 3.6V and VCCB = 5V ± 0.5V
Load Circuit
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
• All input impulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
• The outputs are measured one at a time with one transition per measurement.
Figure 2. Load Circuit and Voltage Waveforms
500Ω
500
Ω
6V
Open
GND
S1
From Output
Under Test
CL = 50pF
(See Note A)
500
Ω
500
Ω
50
B Port
Input
tPLH
tPHL
0V
A-Port
Output
VOH
VOL
1.5V
1.5V
3V
1.5V
1.5V
tPZL
Output
Control
0V
1.5V
1.5V
1.5V
tPLZ
tPHZ
VOL
3V
0V
tPZH
+0.3V
–0.3V
Output
Waveform 1
S1 at 6V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOH
VOH
VOL
2.7V
1.5V
Test
S1
tPLH/tPHL
Open
tPLZ/tPZL
6V
tPHZ/tPZH
GND
08-0291



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com