Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B3126Q Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3B3126Q
Description  3.3V, 4-Bit, 2-Port Nanoswitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3126Q Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3B3126Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3126Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3126Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3126Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3126Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B3126Q Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PI3B3125/PI3B3126
3.3V, 4-Bit, 2-Port NanoSwitch™
w/Individual Enables
4
PS8153F
09/09/04
PI3B3125 Switching Characteristics over Operating Range
Parameters
Description
Conditions(1)
PI3B3125
Units
Com.
Min.
Max.
tPLH
tPHL
Propagation Delay(2,3)
Ax to Bx, Bx to Ax
CL = 50pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL = 50pF,
RL = 500Ω,
1.0
3.0
tPHZ
tPLZ
Bus Disable Time
RL = 500Ω
1.0
4.0
PI3B3126 Switching Characteristics over Operating Range
Parameters
Description
Conditions(1)
PI3B3126
Units
Com.
Min.
Max.
tPLH
tPHL
Propagation Delay(2,3)
Ax to Bx, Bx to Ax
CL= 50pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
CL= 50pF,
RL = 500Ω,
1.0
2.5
tPHZ
tPLZ
Bus Disable Time
RL = 500Ω
1.0
4.0
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical
driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is determined
by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a + 3.3V supply, IN may be
driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing and Hot-Plug Information
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to
input/output or control pins.
Rail-to-Rail is a registeredtrademark of Nippon Motorola, Ltd.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com