Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CV304LEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6CV304LEX
Description  160 MHz Clock Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV304LEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6CV304LEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV304LEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV304LEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV304LEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV304LEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV304LEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV304LEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV304LEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV304 / PI6CV2304
160 MHz Clock Buffers
6
PS8537F
09/14/09
Switching Waveforms
PropagationDelay
Package Skew – tSK(t)
Pulse Skew – tSK(p)
Output Skew – tSK(o)
CLK_IN
tPLH
3V
1.5V
0V
Y0 - Y3
VOH
1.5V
VOL
tPHL
2.0V
0.8V
tR
tF
CLK_IN
tPLHx
3V
1.5V
0V
Any Y
VOH
1.5V
VOL
tPHLx
tSK(o)
Any Y
VOH
1.5V
VOL
tSK(o)
tPLHy
tPHLy
CLK_IN
tPLH
3V
1.5V
0V
Any Y
VOH
1.5V
VOL
tPHL
CLK_IN
tPLH1
3V
1.5V
0V
Package 1
Any Y
VOH
1.5V
VOL
tPHL1
tSK(t)
Package 2
Any Y
VOH
1.5V
VOL
tSK(t)
tPLH2
tPHL2
Output Duty Cycle – tDC
Any Y
tH
tCY
–1.5V
09-0040



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com