Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP76N25T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP76N25T
Description  Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP76N25T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP76N25T Datasheet HTML 1Page - IXYS Corporation IXTP76N25T Datasheet HTML 2Page - IXYS Corporation IXTP76N25T Datasheet HTML 3Page - IXYS Corporation IXTP76N25T Datasheet HTML 4Page - IXYS Corporation IXTP76N25T Datasheet HTML 5Page - IXYS Corporation IXTP76N25T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2007 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
250
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
250
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C*
76
A
I
DM
T
C = 25°C, pulse width limited by TJM
170
A
I
AS
T
C = 25°C
8
A
E
AS
T
C = 25°C
1.5
J
P
D
T
C = 25°C
460
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062in.) from case for 10s
300
°C
Plastic body for 10seconds
260
°C
M
d
Mounting Torque TO-220,TO-3P,TO247
1.13 / 10
Nm/lb.in.
F
C
Mounting Force TO-262,TO-263
10..65 / 2.2..14.6
N/lb.
Weight
TO-262,TO-263
2.5
g
TO-220
3.0
g
TO-3P
5.5
g
TO-247
6.0
g
G = Gate
D = Drain
S = Source
TAB = Drain
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ .
Max.
BV
DSS
V
GS = 0V, ID = 1mA
250
V
V
GS = 0V, ID = 10A
300
V
GS(th)
V
DS = VGS, ID = 1mA
3
5
V
I
GSS
V
GS = ± 20V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS
2
μA
V
GS = 0V
T
J = 125°C
200
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
39 m
Ω
Trench Gate
Power MOSFET
N-Channel Enhancement Mode
Features
International standard packages
Avalanche rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
V
DSS
= 250V
I
D25
= 76A
R
DS(on) ≤
≤≤≤≤ 39m
Ω
Ω
Ω
Ω
Ω
DS99663C(10/07)
IXTA76N25T IXTH76N25T
IXTI76N25T IXTP76N25T
IXTQ76N25T
Typical avalanche BV = 300V
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Uninterruptible power supplies
High speed power switching
applications
TO-3P (IXTQ)
G
D
S
(TAB)
TO-263 (I
XTA)
G
S
(TAB)
G
D
S
(TAB)
TO-247 (I
XTH)
G
D
S
(TAB)
TO-262 (I
XTI)
TO-220 (I
XTP)
G
(TAB)
D S
Preliminary Technical Information


Similar Part No. - IXTP76N25T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP76N25T ISC-IXTP76N25T Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP76N25T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA76N075T IXYS-IXTA76N075T Datasheet
182Kb / 5P
Preliminary Technical Information N-Channel Enhancement Mode Avalanche Rated
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTH200N075T IXYS-IXTH200N075T Datasheet
190Kb / 5P
Preliminary Technical Information Trench Gate Power MOSFET
IXTA100N04T2 IXYS-IXTA100N04T2 Datasheet
209Kb / 6P
Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA50N25T IXYS-IXTA50N25T Datasheet
235Kb / 6P
Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTA90N15T IXYS-IXTA90N15T Datasheet
198Kb / 6P
Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTH16P60P IXYS-IXTH16P60P Datasheet
137Kb / 5P
Preliminary Technical Information PolarPTM Power MOSFET P-Channel Enhancement Mode
IXTA260N055T2-7 IXYS-IXTA260N055T2-7 Datasheet
140Kb / 6P
Preliminary Technical Information TrenchT2TM Power MOSFET N-Channel Enhancement Mode
IXTA6N100D2 IXYS-IXTA6N100D2 Datasheet
190Kb / 5P
Preliminary Technical Information Depletion Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com