Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX5700GS Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX5700GS
Description  INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5700GS Datasheet(HTML) 4 Page - Motorola, Inc

  MPX5700GS Datasheet HTML 1Page - Motorola, Inc MPX5700GS Datasheet HTML 2Page - Motorola, Inc MPX5700GS Datasheet HTML 3Page - Motorola, Inc MPX5700GS Datasheet HTML 4Page - Motorola, Inc MPX5700GS Datasheet HTML 5Page - Motorola, Inc MPX5700GS Datasheet HTML 6Page - Motorola, Inc MPX5700GS Datasheet HTML 7Page - Motorola, Inc MPX5700GS Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX5700 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluoro silicone gel
which protects the die from harsh media. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX5700D
867–08C
Stainless Steel Cap
MPX5700DP
867C–05
Side with Part Marking
MPX5700GP
867B–04
Side with Port Attached
MPX5700GS
867E–03
Side with Port Attached
MPX5700GSX
867F–03
Side with Port Attached
ORDERING INFORMATION
The MPX5700 pressure sensor is available in differential and gauge configurations. Devices are available in the basic ele-
ment package or with pressure port fittings that provide printed circuit board mounting ease and barbed hose pressure connec-
tions.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
867–08C
MPX5700D
MPX5700D
Ported Elements
Differential Dual Ports
867C–05
MPX5700DP
MPX5700DP
Gauge
867B–04
MPX5700GP
MPX5700GP
Gauge, Axial
867E–03
MPX5700GS
MPX5700D
Gauge, Axial PC Mount
867F–03
MPX5700GSX
MPX5700D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com