Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51795B Datasheet(PDF) 21 Page - Microchip Technology

Part # 51795B
Description  PICkit??3 Programmer/Debugger
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

51795B Datasheet(HTML) 21 Page - Microchip Technology

Back Button 51795B Datasheet HTML 17Page - Microchip Technology 51795B Datasheet HTML 18Page - Microchip Technology 51795B Datasheet HTML 19Page - Microchip Technology 51795B Datasheet HTML 20Page - Microchip Technology 51795B Datasheet HTML 21Page - Microchip Technology 51795B Datasheet HTML 22Page - Microchip Technology 51795B Datasheet HTML 23Page - Microchip Technology 51795B Datasheet HTML 24Page - Microchip Technology 51795B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Theory of Operation
 2010 Microchip Technology Inc.
DS51795B-page 21
2.4.5
Circuits That Will Prevent the Debugger From Functioning
Figure 2-5 shows the active debugger lines with some components that will prevent the
PICkit 3 debugger system from functioning.
FIGURE 2-5:
IMPROPER CIRCUIT COMPONENTS
Specifically, these guidelines must be followed:
• Do not use pull-ups on PGC/PGD – they will disrupt the voltage levels, since
these lines have 4.7 k
 pull-down resistors in the debugger.
• Do not use capacitors on PGC/PGD – they will prevent fast transitions on data
and clock lines during programming and debug communications.
• Do not use capacitors on MCLR – they will prevent fast transitions of VPP. A
simple pull-up resistor is generally sufficient.
• Do not use diodes on PGC/PGD – they will prevent bidirectional communication
between the debugger and the target device.
2.5
DEBUGGING
There are two steps to using the PICkit 3 programmer/debugger system as a debugger.
The first requires that an application be programmed into the target device (usually with
the PICkit 3 itself). The second uses the internal in-circuit debug hardware of the target
Flash device to run and test the application program. These two steps are directly
related to the MPLAB IDE operations:
1. Program the code into the target and activate special debug functions (see the
next section for details).
2. Use the debugger to set breakpoints and run.
If the target device cannot be programmed correctly, the PICkit 3
programmer/debugger will not be able to debug.
Figure 2-6 shows the basic interconnections required for programming. Note that this
is the same as Figure 2-4, but for the sake of clarity, the VDD and VSS lines from the
debugger are not shown.
No!
No!
No!
No!
VPP/MCLR
PGC
PGD
1
5
4
Interface
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com