Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP120P065T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP120P065T
Description  TrenchPTM Power MOSFETs P-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP120P065T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP120P065T Datasheet HTML 1Page - IXYS Corporation IXTP120P065T Datasheet HTML 2Page - IXYS Corporation IXTP120P065T Datasheet HTML 3Page - IXYS Corporation IXTP120P065T Datasheet HTML 4Page - IXYS Corporation IXTP120P065T Datasheet HTML 5Page - IXYS Corporation IXTP120P065T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves The Right to Change Limits, Test Conditions, and Dimensions.
IXTA120P065T IXTH120P065T
IXTP120P065T
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = -10V, ID = 0.5 • ID25, Note 1
45
75
S
C
iss
13.2
nF
C
oss
V
GS = 0V, VDS = - 25V, f = 1MHz
1345
pF
C
rss
505
pF
t
d(on)
31
ns
t
r
28
ns
t
d(off)
38
ns
t
f
21
ns
Q
g(on)
185
nC
Q
gs
V
GS = -10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
55
nC
Q
gd
58
nC
R
thJC
0.42
°C/W
R
thCS
(TO-220)
0.50
°C/W
(TO-247)
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
- 120
A
I
SM
Repetitive, Pulse Width Limited by T
JM
- 480
A
V
SD
I
F = - 60A, VGS = 0V, Note 1
-1.3
V
t
rr
53
ns
Q
RM
77
nC
I
RM
- 2.9
A
Resistive Switching Times
V
GS = -10V, VDS = - 33V, ID = - 50A
R
G = 1Ω (External)
I
F = - 60A, -di/dt = -100A/μs
V
R = - 33V, VGS = 0V
TO-247 Outline
Pins:
1 - Gate
2 - Drain
3 - Source
4 - Drain
TO-220 Outline
1 = Gate
2 = Drain
3 = Source
TO-263 Outline
1. Gate
2. Drain
3. Source
4. Drain
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.40
0.74
.016
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.280
.320
E
9.65
10.41
.380
.405
E1
6.22
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.13
0
.005



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com