Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTQ450P2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTQ450P2
Description  Polar2TM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTQ450P2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTQ450P2 Datasheet HTML 1Page - IXYS Corporation IXTQ450P2 Datasheet HTML 2Page - IXYS Corporation IXTQ450P2 Datasheet HTML 3Page - IXYS Corporation IXTQ450P2 Datasheet HTML 4Page - IXYS Corporation IXTQ450P2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
DS100241A(10/11)
V
DSS
= 500V
I
D25
= 16A
R
DS(on)
≤≤≤≤≤ 330mΩ
Ω
Ω
Ω
Ω
t
rr(typ)
= 400ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C16
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
48
A
I
A
T
C = 25°C16
A
E
AS
T
C = 25°C
750
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque
1.13/10
Nm/lb.in.
Weight
TO-220
3.0
g
TO-3P
5.5
g
TO-247
6.0
g
IXTP450P2
IXTQ450P2
IXTH450P2
Polar2TM
Power MOSFETs
Features
Avalanche Rated
Fast Intrinsic Diode
Dynamic dv/dt Rated
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-3P (IXTQ)
D
G
S
G D
S
TO-220AB (IXTP)
TO-247(IXTH)
G
D
S
Tab
Tab
Tab
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
500
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
μA
T
J = 125°C
25 μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
330 m
Ω


Similar Part No. - IXTQ450P2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTQ450P2 ISC-IXTQ450P2 Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTQ450P2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
82Kb / 6P
45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Harris Corporation
RFD3055 HARRIS-RFD3055 Datasheet
118Kb / 8P
12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
logo
IXYS Corporation
IXTH110N25T IXYS-IXTH110N25T Datasheet
210Kb / 5P
TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTK90P20P IXYS-IXTK90P20P Datasheet
130Kb / 5P
PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com