Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE39497 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39497
Description  SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39497 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39497 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39497 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39497 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Temperature
Temperature Operating Range, deg C
-55 to +125
Diameter, in [mm]
0.161 [4.09]
.
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.75 [19.05]
Repeated Minimum Bend Radius, in [mm]
1.575 [40.01]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.161 [4.09]
Connector 1
Type
SMA Male
Configuration
Straight
Connector 2
Type
TNC Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS from Pasternack
EnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproducts
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FLJ Coax,
RoHS PE39497
URL:
http://www.pasternack.com/sma-male-tnc-female-pe-sr402flj-cable-assembly-pe39497-p.aspx
PE39497 REV
PE39497
SMA Male to TNC Female Bulkhead Semi-Flexible
Precision Cable Using PE-SR402FLJ Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com