Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST210-8B Datasheet(PDF) 10 Page - STMicroelectronics

Part # ACST210-8B
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST210-8B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ACST210-8B Datasheet HTML 5Page - STMicroelectronics ACST210-8B Datasheet HTML 6Page - STMicroelectronics ACST210-8B Datasheet HTML 7Page - STMicroelectronics ACST210-8B Datasheet HTML 8Page - STMicroelectronics ACST210-8B Datasheet HTML 9Page - STMicroelectronics ACST210-8B Datasheet HTML 10Page - STMicroelectronics ACST210-8B Datasheet HTML 11Page - STMicroelectronics ACST210-8B Datasheet HTML 12Page - STMicroelectronics ACST210-8B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
ACST2
10/13
Doc ID 13304 Rev 3
4
Package information
●
Epoxy meets UL94, V0
●
Recommended torque (TO-220FPAB): 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 6.
TO-220FPAB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126
H
A
B
Dia
L7
L6
L5
F1
F2
F
D
E
L4
G1
G
L2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com