Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX906D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPX906D
Description  0 to 6 kPa (0 to 24 in. H2O) WATER VAPOR COMPATIBLE 20 mV FULL SCALE SPAN (TYPICAL)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX906D Datasheet(HTML) 5 Page - Motorola, Inc

  MPX906D Datasheet HTML 1Page - Motorola, Inc MPX906D Datasheet HTML 2Page - Motorola, Inc MPX906D Datasheet HTML 3Page - Motorola, Inc MPX906D Datasheet HTML 4Page - Motorola, Inc MPX906D Datasheet HTML 5Page - Motorola, Inc MPX906D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MPX906 SERIES
5
Motorola Sensor Device Data
PACKAGE DIMENSIONS
BASIC ELEMENT
CASE 867–08
ISSUE N
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION –A– IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.595
0.630
15.11
16.00
B
0.514
0.534
13.06
13.56
C
0.200
0.220
5.08
5.59
D
0.027
0.033
0.68
0.84
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.40
L
0.695
0.725
17.65
18.42
M
30 NOM
30 NOM
N
0.475
0.495
12.07
12.57
R
0.430
0.450
10.92
11.43
S
0.090
0.105
2.29
2.66
__
STYLE 2:
PIN 1. OPEN
2. GROUND
3. –VOUT
4. VSUPPLY
5. +VOUT
6. OPEN
PIN 1
F
G
N
L
R
C
B
M
J
S
–A–
12
34
56
6 PL
D
SEATING
PLANE
–T–
M
A
M
0.136 (0.005)
T
POSITIVE PRESSURE
(P1)
CASE 867H–03
ISSUE B
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.080
1.120
27.43
28.45
B
0.740
0.760
18.80
19.30
C
0.800
0.830
20.32
21.08
D
0.027
0.033
0.68
0.84
E
0.160
0.180
4.06
4.57
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
0.220
0.240
5.59
6.10
N
0.070
0.080
1.78
2.03
P
0.150
0.160
3.81
4.06
Q
0.150
0.160
3.81
4.06
R
0.440
0.460
11.18
11.68
S
0.695
0.725
17.65
18.42
U
0.840
0.860
21.34
21.84
V
0.206
0.226
5.23
5.74
X
0.370
0.390
9.40
9.91
Y
0.240
0.260
6.10
6.60
Z
0.106
0.126
2.69
3.20
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH
STYLE 2:
PIN 1. NO CONNECT
2. GROUND
3. MINUS V OUT
4. VSUPPLY
5. PLUS V OUT
6. NO CONNECT
V
C
E
Y
J
POSITIVE
–T–
–P–
M
Q
M
0.25 (0.010)
T
D
G
6 PL
K
S
PIN 1
U
A
R
B
–Q–
N
S
P
M
0.13 (0.005)
Q S
T
12
3
4
5
6
F
PRESSURE
X
Z
(P1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com