Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLI30336-AC Datasheet(PDF) 2 Page - STMicroelectronics

Part # FLI30336-AC
Description  Single-chip enhanced LCD TV controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI30336-AC Datasheet(HTML) 2 Page - STMicroelectronics

  FLI30336-AC Datasheet HTML 1Page - STMicroelectronics FLI30336-AC Datasheet HTML 2Page - STMicroelectronics FLI30336-AC Datasheet HTML 3Page - STMicroelectronics FLI30336-AC Datasheet HTML 4Page - STMicroelectronics FLI30336-AC Datasheet HTML 5Page - STMicroelectronics FLI30336-AC Datasheet HTML 6Page - STMicroelectronics FLI30336-AC Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description
FLI30336
2/7
1
Description
The FLI30336 offers high integration for advanced applications of Picture-in-Picture (PIP)
and Picture-by-Picture (PBP) with an integrated video decoder and a 3D comb filter. The
FLI30336 can power up to 1080p/WUXGA displays with the proven Faroudja DCDi Cinema
branded technology.
Special performance features such as the Faroudja DCDi Cinema video format converter,
10-bit performance in the device, and the Advanced Color Management (ACM-3D) provide
exceptional video quality. This exclusive level of video quality technology only seen on
Faroudja Home Theater Systems is now available in a single-chip solution.
The FLI30336 also comprises an integrated Analog Front-End (AFE) that includes triple
ADCs and an integrated cross-point switch. The flexible AFE ensures simple PCB design
with direct connections to TV tuners and input video connectors. In essence, the FLI30336
is the only device needed for a single LCD TV chassis supporting worldwide standards. For
regional variations, only connector and firmware changes are required.
The integrated VBI dataslicer and decoder remove the need for external components
resulting in significant cost reduction. The FLI30336 supports many worldwide VBI
standards for applications of Teletext, Closed Captioning, V-Chip, and other VBI services.
The FLI30336 can be used in digital TV solutions requiring Faroudja DCDi Cinema video
performance levels. An embedded microprocessor and a versatile OSD in a single device
will facilitate rapid development of a reliable and attractive product. The FLI30336 utilizes
the common Cortez family firmware for easy and effortless migration across different
hardware platforms within this family.
Figure 1.
System diagram
SCART or Analog RGB
FLI30336
Display
up to
WUXGA/
1080p
DDR
SDRAM
Program
Flash
Y/C
Component Video
TV
Tuner
RF
LVDS
16 configurable
analog inputs
Optional Second
Analog Channel
MPEG-2 Decoder
RF
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com