Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1740300-2 Datasheet(PDF) 30 Page - STMicroelectronics

Part # 1740300-2
Description  Connectivity Systems for PV Manufacturers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1740300-2 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button 1740300-2 Datasheet HTML 26Page - STMicroelectronics 1740300-2 Datasheet HTML 27Page - STMicroelectronics 1740300-2 Datasheet HTML 28Page - STMicroelectronics 1740300-2 Datasheet HTML 29Page - STMicroelectronics 1740300-2 Datasheet HTML 30Page - STMicroelectronics 1740300-2 Datasheet HTML 31Page - STMicroelectronics 1740300-2 Datasheet HTML 32Page - STMicroelectronics 1740300-2 Datasheet HTML 33Page - STMicroelectronics 1740300-2 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
SOLARLOK Connectivity Systems for PV Manufacturers
te.com/solar
Catalog 3-1773458-7 | Issue Date 04/2011
Dimensions are in inches and millimeters unless otherwise specified.
Values in brackets are standard equivalents. Dimensions are shown
for reference purposes only. Specifications subject to change.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
28
Wiring Example with Extension Cables
Cable Assembly
Cable Assembly Version
Part Numbers for Cable Length
1 m
3 m
5 m
10 m
20 m
1987376-1
1987376-2
1987376-3
1987376-4
1987376-5
1-1987376-1
1-1987376-2
1-1987376-3
1-1987376-4
1-1987376-5
2-1987376-1
2-1987376-2
2-1987376-3
2-1987376-4
2-1987376-5
3-1987376-1
3-1987376-2
3-1987376-3
3-1987376-4
3-1987376-5
4-1987376-1
4-1987376-2
4-1987376-3
4-1987376-4
4-1987376-5
More variants (cable length, wire diameter, color) upon request.
Configuration Example at 4.0 mm2
Male Cable Coupler (+)
1394461-3
Female Cable Coupler (+)
1394462-3
Inverter
Female Cable Coupler (+)
1394462-3
Female Cable Coupler (+)
1394462-3
Male Cable Coupler (-)
1394461-4
Female Cable Coupler (-)
1394462-4
Female Cable Coupler (-)
1394462-4
Female Cable Coupler (-)
1394462-4
Female Cable Coupler (-)
1394462-4
Female Cable Coupler (+)
1394462-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com