Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLF2012T2R2M Datasheet(PDF) 9 Page - TDK Electronics

Part # GLF2012T2R2M
Description  GLF,GLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

GLF2012T2R2M Datasheet(HTML) 9 Page - TDK Electronics

Back Button GLF2012T2R2M Datasheet HTML 5Page - TDK Electronics GLF2012T2R2M Datasheet HTML 6Page - TDK Electronics GLF2012T2R2M Datasheet HTML 7Page - TDK Electronics GLF2012T2R2M Datasheet HTML 8Page - TDK Electronics GLF2012T2R2M Datasheet HTML 9Page - TDK Electronics GLF2012T2R2M Datasheet HTML 10Page - TDK Electronics GLF2012T2R2M Datasheet HTML 11Page - TDK Electronics GLF2012T2R2M Datasheet HTML 12Page - TDK Electronics GLF2012T2R2M Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TDK Electronics Europe GmbH - September 2004
Copyright 2004 by TDK Electronics Europe GmbH. All rights reserved.
Inductance
Rdc[ohm]
Idc[mA]
&
L:10%Down
L:20%Down temp. has to 20Deg.C
Tolerance
Max.
Max.
Max.
GLC2518T1R0M
1.0µH±20%
0.08±30%
850
-----
980
GLC2518T2R2M
2.2µH±20%
0.13±30%
650
-----
750
GLC2518T4R7M
4.7µH±20%
0.20±30%
475
-----
600
GLC2518T100K
10µH±10%
0.36±20%
350
-----
470
GLC2518T220K
22µH±10%
0.90±20%
225
-----
300
GLC2518T470K
47µH±10%
1.90±20%
170
-----
200
GLC2518T101K
100µH±10%
3.50±20%
110
-----
150
ITEM
Electrical Characteristics [GLC2518Type]
[GLC2518Type]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com