Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLF2012T220K Datasheet(PDF) 7 Page - TDK Electronics

Part # GLF2012T220K
Description  GLF,GLC Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

GLF2012T220K Datasheet(HTML) 7 Page - TDK Electronics

Back Button GLF2012T220K Datasheet HTML 3Page - TDK Electronics GLF2012T220K Datasheet HTML 4Page - TDK Electronics GLF2012T220K Datasheet HTML 5Page - TDK Electronics GLF2012T220K Datasheet HTML 6Page - TDK Electronics GLF2012T220K Datasheet HTML 7Page - TDK Electronics GLF2012T220K Datasheet HTML 8Page - TDK Electronics GLF2012T220K Datasheet HTML 9Page - TDK Electronics GLF2012T220K Datasheet HTML 10Page - TDK Electronics GLF2012T220K Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TDK Electronics Europe GmbH - September 2004
Copyright 2004 by TDK Electronics Europe GmbH. All rights reserved.
Inductance
Rdc[ohm]
Idc[mA]
&
L:10%Down
L:20%Down temp. has to 20Deg.C
Tolerance
Max.
Max.
Max.
GLF201208T1R0M
1.0µH±20%
0.19±20%
340
460
650
GLF201208T2R2M
2.2µH±20%
0.56±20%
220
300
350
GLF201208T4R7M
4.7µH±20%
0.74±20%
160
230
300
GLF201208T100M
10µH±20%
1.10±20%
130
170
250
GLF201208T220M
22µH±20%
3.50±20%
80
110
150
GLF201208T470M
47µH±20%
5.30±20%
60
90
120
ITEM
Electrical Characteristics [GLF201208Type]
[GLF201208Type]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com