Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KASMC10 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 3KASMC10
Description  Surface Mount PAR® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3KASMC10 Datasheet(HTML) 4 Page - Vishay Siliconix

  3KASMC10 Datasheet HTML 1Page - Vishay Siliconix 3KASMC10 Datasheet HTML 2Page - Vishay Siliconix 3KASMC10 Datasheet HTML 3Page - Vishay Siliconix 3KASMC10 Datasheet HTML 4Page - Vishay Siliconix 3KASMC10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3KASMC10 thru 3KASMC43A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-12
4
Document Number: 88480
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive/Peak Forward Surge Current
Fig. 6 - Power Derating Curve
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
200
100
Number of Cycles at 60 Hz
10
50
50
10
1
100
5
T
J = TJ max.
8.3 ms Single Half Sine-Wave
TL - Lead Temperature (°C)
6
5
4
3
2
1
0
0
25
50
75
100
125
150
175
200
60 Hz
Resistive or
Inductive Load
Cathode Band
DO-214AB (SMC)
0.126 (3.20)
0.114 (2.90)
0.246 (6.22)
0.220 (5.59)
0.280 (7.11)
0.260 (6.60)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.320 (8.13)
0.305 (7.75)
0.060 (1.52)
0.030 (0.76)
0.103 (2.62)
0.079 (2.06)
Mounting Pad Layout
0.126 (3.20) MIN.
0.060 (1.52) MIN.
0.185 (4.69) MAX.
0.320 (8.13) REF.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com