Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

562R5GAT47 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 562R5GAT47
Description  Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

562R5GAT47 Datasheet(HTML) 2 Page - Vishay Siliconix

  562R5GAT47 Datasheet HTML 1Page - Vishay Siliconix 562R5GAT47 Datasheet HTML 2Page - Vishay Siliconix 562R5GAT47 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
561R, 562R, 565R Series
www.vishay.com
Vishay Cera-Mite
Revision: 07-Feb-13
2
Document Number: 23110
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE AND REEL OPTIONS
• Tape and reel available on diameter sizes 0.250" to 0.680"
• Part number codes and specifications for tape and reel packaging are found in the general information document - find
web-link below
DIMENSIONS in inches (millimeters)
LEAD OFFSET “LO” (nominal)
1000 VDC
0.050" (1.3 mm)
ORDERING INFORMATION, CERAMIC 1000 VDC GENERAL PURPOSE
C
(pF)
TOL.
(%)
D
DIAMETER
INCH (mm)
T
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
FIG.
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
C0G (NP0)
10
± 20
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
2
24
0.020 (0.51)
561R5GAQ10
U2J (N750)
33
± 20
0.290 (7.4)
0.156 (4.0)
0.250 (6.4)
2
24
0.020 (0.51)
561R5GAQ33
X5F
100
± 20
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
2
24
0.020 (0.51)
562R5GAT10
150
562R5GAT15
200
562R5GAT20
220
562R5GAT22
330
562R5GAT33
470
562R5GAT47
500
562R5GAT50
X7R
1000
± 20
0.290 (7.4)
0.156 (4.0)
0.250 (6.4)
2
24
0.020 (0.51)
562R5GAD10
Y5U
1000
+ 100 - 0
0.290 (7.4)
0.156 (4.0)
0.250 (6.4)
2
24
0.020 (0.51)
562R5HKD10
Z5U
1200
± 20
0.290 (7.4)
0.156 (4.0)
0.250 (6.4)
2
24
0.020 (0.51)
562R5GAD12
1500
562R5GAD15
2000
562R5GAD20
2200
562R5GAD22
2500
562R5GAD25
2700
562R5GAD27
3000
562R5GAD30
3300
562R5GAD33
4700
0.370 (9.4)
0.156 (4.0)
0.250 (6.4)
1
22
0.025 (0.64)
562R5GAD47
5000
0.370 (9.4)
0.156 (4.0)
0.250 (6.4)
562R5GAD50
6800
0.440 (11.2)
0.156 (4.0)
0.250 (6.4)
562R5GAD68
8200
0.440 (11.2)
0.156 (4.0)
0.250 (6.4)
562R5GAD82
0.010 μF
0.490 (12.4)
0.156 (4.0)
0.375 (9.5)
562R5GAS10
0.010 μF
0.490 (12.4)
0.156 (4.0)
0.250 (6.4)
562R5HKMS10
0.010 μF
+ 100 - 0
0.490 (12.4)
0.156 (4.0)
0.375 (9.5)
562R5HKS10
0.015 μF
± 20
0.560 (14.2)
0.156 (4.0)
0.375 (9.5)
562R5GAS15
0.020 μF
0.680 (17.3)
0.156 (4.0)
0.375 (9.5)
562R5GAS20
0.050 μF
0.770 (19.6)
0.200 (5.1)
0.375 (9.5)
565R10HKS50
0.10 μF
0.950 (24.1)
0.200 (5.1)
0.375 (9.5)
565R10GAP10
RELATED DOCUMENTS
General Information
www.vishay.com/doc?23140
Fig. 1
D
Max.
LO
T
Max.
1.250 min. (32)
0.125 max. (3)
LS
Fig. 2
D
max.
LO
T
max.
1.250 min. (32)
0.125 max. (3)
LS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com