Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

184PC15GT Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # 184PC15GT
Description  Pressure Sensors Miniature Absolute, Differential, Gage/Amplified
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

184PC15GT Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  184PC15GT Datasheet HTML 1Page - Honeywell Solid State Electronics Center 184PC15GT Datasheet HTML 2Page - Honeywell Solid State Electronics Center 184PC15GT Datasheet HTML 3Page - Honeywell Solid State Electronics Center 184PC15GT Datasheet HTML 4Page - Honeywell Solid State Electronics Center 184PC15GT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Pressure Sensors
180PC Series
Miniature Absolute, Differential, Gage/Amplified
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
47
ELECTRICAL CONNECTIONS
Voltage Excitation
NOTES
1. Terminals are labeled on the sensor.
2. Input and output share a common ground.
3. RL must be greater than or equal to 3000
ohms.
IDEAL OUTPUT AT Vs 8.00±0.01 VDC
Differential
Example: 185PC15DT when PIN P2-P1
Vacuum Gage
Example: 184PC05GT where P2 PIN P1 Ambient
Bi-directional
Example: 186PC05DH where PIN P2-P1
Absolute
Example: 185PC15AP where P1 PIN P2 Factory sealed vacuum



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com