Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL10DN15F3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL10DN15F3
Description  N-channel 150 V, 0.20 Ohm typ., 2.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL10DN15F3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL10DN15F3 Datasheet HTML 6Page - STMicroelectronics STL10DN15F3 Datasheet HTML 7Page - STMicroelectronics STL10DN15F3 Datasheet HTML 8Page - STMicroelectronics STL10DN15F3 Datasheet HTML 9Page - STMicroelectronics STL10DN15F3 Datasheet HTML 10Page - STMicroelectronics STL10DN15F3 Datasheet HTML 11Page - STMicroelectronics STL10DN15F3 Datasheet HTML 12Page - STMicroelectronics STL10DN15F3 Datasheet HTML 13Page - STMicroelectronics STL10DN15F3 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
STL10DN15F3
10/14
Doc ID 023781 Rev 1
Table 9.
PowerFLAT™ 5x6 - 8 leads dual pad (ribbon) mechanical data
Ref.
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
D5.20
E6.15
D2
1.68
1.88
E2
3.50
3.70
D3
1.68
1.88
E3
3.50
3.70
E4
0.55
0.75
e1.27
L
0.725
1.025
K
1.05
1.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com