Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX564IYPT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSX564IYPT
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX564IYPT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSX564IYPT Datasheet HTML 19Page - STMicroelectronics TSX564IYPT Datasheet HTML 20Page - STMicroelectronics TSX564IYPT Datasheet HTML 21Page - STMicroelectronics TSX564IYPT Datasheet HTML 22Page - STMicroelectronics TSX564IYPT Datasheet HTML 23Page - STMicroelectronics TSX564IYPT Datasheet HTML 24Page - STMicroelectronics TSX564IYPT Datasheet HTML 25Page - STMicroelectronics TSX564IYPT Datasheet HTML 26Page - STMicroelectronics TSX564IYPT Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DocID023274 Rev 3
23/27
TSX56x, TSX56xA
Package information
Table 10. QFN16 3x3 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.65
0.020
0.026
A1
0
0.05
0
0.002
b
0.18
0.25
0.30
0.007
0.010
0.012
D3.00
0.118
E3.00
0.118
e
0.50
0.020
L
0.30
0.50
0.012
0.020
aaa
0.15
0.006
bbb
0.10
0.004
ccc
0.10
0.004
ddd
0.05
0.002
eee
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com