Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS922AIDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS922AIDT
Description  Rail-to-rail, high output current dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AIDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS922AIDT Datasheet HTML 2Page - STMicroelectronics TS922AIDT Datasheet HTML 3Page - STMicroelectronics TS922AIDT Datasheet HTML 4Page - STMicroelectronics TS922AIDT Datasheet HTML 5Page - STMicroelectronics TS922AIDT Datasheet HTML 6Page - STMicroelectronics TS922AIDT Datasheet HTML 7Page - STMicroelectronics TS922AIDT Datasheet HTML 8Page - STMicroelectronics TS922AIDT Datasheet HTML 9Page - STMicroelectronics TS922AIDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
TS922, TS922A
6/24
DocID5150 Rev 11
3
Electrical characteristics
Table 3. Electrical characteristics measured at VCC = +3 V, VCC- = 0 V, Vicm = VCC/2,
Tamb = 25 °C, and RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
TS922
TS922A
TS922IJ (Flip-chip)
3
0.9
1.5
mV
Tmin ≤ Tamb ≤ Tmax
TS922
TS922A
TS922IJ (Flip-chip)
5
1.8
2.5
ΔVio/ΔT Input offset voltage drift
2
μV/°C
Iio
Input offset current
Vout = VCC/2
Tmin ≤ Tamb ≤ Tmax
130
30
nA
Iib
Input bias current
Vout = VCC/2
Tmin ≤ Tamb ≤ Tmax
15
100
100
VOH
High level output voltage
RL= 10 kΩ
Tmin ≤ Tamb ≤ Tmax
2.90
2.90
V
RL = 600 Ω
Tmin ≤ Tamb ≤ Tmax
2.87
2.87
RL = 32 Ω
2.63
VOL
Low level output voltage
RL= 10 kΩ
Tmin ≤ Tamb ≤ Tmax
50
50
mV
RL = 600 Ω
Tmin ≤ Tamb ≤ Tmax
100
100
RL = 32 Ω
180
Avd
Large signal voltage gain
RL= 10 kΩ, Vout = 2 Vp-p
Tmin ≤ Tamb ≤ Tmax
70
200
V/mV
RL = 600 Ω, Vout = 2 Vp-p
Tmin ≤ Tamb ≤ Tmax
15
35
RL = 32 Ω, Vout = 2 Vp-p
16
ICC
Total supply current
No load, Vout = VCC/2
Tmin ≤ Tamb ≤ Tmax
23
3.2
mA
GBP
Gain bandwidth product
RL = 600 Ω
4MHz
CMR
Common mode rejection ratio
Vicm = 0 to 3 V
Tmin ≤ Tamb ≤ Tmax
60
56
80
dB
SVR
Supply voltage rejection ratio
VCC = 2.7 to 3.3 V
Tmin ≤ Tamb ≤ Tmax
60
60
85
Io
Output short-circuit current
50
80
mA
SR
Slew rate
0.7
1.3
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com