Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI12N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI12N65M5
Description  N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI12N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STI12N65M5 Datasheet HTML 1Page - STMicroelectronics STI12N65M5 Datasheet HTML 2Page - STMicroelectronics STI12N65M5 Datasheet HTML 3Page - STMicroelectronics STI12N65M5 Datasheet HTML 4Page - STMicroelectronics STI12N65M5 Datasheet HTML 5Page - STMicroelectronics STI12N65M5 Datasheet HTML 6Page - STMicroelectronics STI12N65M5 Datasheet HTML 7Page - STMicroelectronics STI12N65M5 Datasheet HTML 8Page - STMicroelectronics STI12N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
June 2011
Doc ID 15428 Rev 5
1/23
23
STD12N65M5, STF12N65M5, STI12N65M5
STP12N65M5, STU12N65M5
N-channel 650 V, 0.39
Ω, 8.5 A MDmesh™ V Power MOSFET
DPAK, I2PAK, TO-220FP, TO-220, IPAK
Features
■ Worldwide best RDS(on) * area
■ Higher VDSS rating and high dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Applications
Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Type
VDSS @
TJmax
RDS(on)
max
ID
PTOT
STD12N65M5
STF12N65M5
STI12N65M5
STP12N65M5
STU12N65M5
710 V
< 0.43
Ω
8.5 A
8.5 A(1)
8.5 A
8.5 A
8.5 A
1.
Limited only by maximum temperature allowed.
70 W
25 W
70 W
70 W
70 W
DPAK
IPAK
3
2
1
1
3
1
2
3
TO-220
1
2
3
TO-220FP
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STD12N65M5
STF12N65M5
STI12N65M5
STP12N65M5
STU12N65M5
12N65M5
DPAK
TO-220FP
I²PAK
TO-220
IPAK
Tape and reel
Tube
Tube
Tube
Tube
www.st.com


Similar Part No. - STI12N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STI12N65M5 ISC-STI12N65M5 Datasheet
341Kb / 2P
isc N-Channel Mosfet Transistor
More results

Similar Description - STI12N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
N-channel 600 V - 0.37 Ω - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
03-Mar-2008
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
N-channel 650 V - 0.43 Ω - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
07-Feb-2008
STD5NM60 STMICROELECTRONICS-STD5NM60_08 Datasheet
561Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh??Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
STD10NM65N STMICROELECTRONICS-STD10NM65N_08 Datasheet
527Kb / 17P
N-channel 650 V, 0.43 Ω, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
14-Oct-2008
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
N-channel 800 V, 0.95 Ω, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh™Power MOSFET
02-Oct-2009
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
N-channel 600 V, 0.37 Ω, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
03-Mar-2009
STD10NM60N STMICROELECTRONICS-STD10NM60N Datasheet
907Kb / 17P
N-channel 600 V, 0.53 ohm, 10 A, DPAK, TO-220, TO-220FP, IPAK MDmesh II Power MOSFET
24-Nov-2010
STF7NM60N STMICROELECTRONICS-STF7NM60N Datasheet
885Kb / 17P
N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
04-Nov-2010
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
03-Dec-2012
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com