Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F051C8 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32F051C8
Description  Low- and medium-density advanced ARM-based 32-bit MCU with 16 to 64 Kbytes Flash, timers, ADC, DAC and comm. interfaces
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F051C8 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32F051C8 Datasheet HTML 46Page - STMicroelectronics STM32F051C8 Datasheet HTML 47Page - STMicroelectronics STM32F051C8 Datasheet HTML 48Page - STMicroelectronics STM32F051C8 Datasheet HTML 49Page - STMicroelectronics STM32F051C8 Datasheet HTML 50Page - STMicroelectronics STM32F051C8 Datasheet HTML 51Page - STMicroelectronics STM32F051C8 Datasheet HTML 52Page - STMicroelectronics STM32F051C8 Datasheet HTML 53Page - STMicroelectronics STM32F051C8 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 104 page
background image
STM32F051x
Electrical characteristics
Doc ID 022265 Rev 3
51/105
Typical current consumption
The MCU is placed under the following conditions:
●
VDD=VDDA=3.3 V
●
All I/O pins are in analog input configuration
●
The Flash access time is adjusted to fHCLK frequency (0 wait states from 0 to 24 MHz,
1 wait state above)
●
Prefetch is ON when the peripherals are enabled, otherwise it is OFF
●
When the peripherals are enabled, fPCLK = fHCLK
●
PLL is used for frequencies greater than 8 MHz
●
AHB prescaler of 2, 4, 8 and 16 is used for the frequencies 4 MHz, 2 MHz, 1 MHz and
500 kHz respectively
●
A development tool is connected to the board and the parasitic pull-up current is around
30 µA
Table 30.
Typical current consumption in Run mode, code with data processing
running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in Run
mode from VDD
supply
Running from
HSE crystal
clock 8 MHz,
code
executing
from Flash
48 MHz
23.3
11.5
mA
36 MHz
17.6
9.0
32 MHz
15.9
8.0
24 MHz
12.4
7.5
16 MHz
8.5
5.2
8 MHz
4.5
3.0
4 MHz
2.8
1.9
2 MHz
1.7
1.3
1 MHz
1.3
1.0
500 kHz
1.0
0.9
IDDA
Supply current in Run
mode from VDDA
supply
48 MHz
158
158
µA
36 MHz
120
120
32 MHz
108
108
24 MHz
83
83
16 MHz
60
60
8 MHz
2.43
2.43
4 MHz
2.43
2.43
2 MHz
2.43
2.43
1 MHz
2.43
2.43
500 kHz
2.43
2.43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com