Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP12N65M5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP12N65M5
Description  N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N65M5 Datasheet(HTML) 5 Page - STMicroelectronics

  STP12N65M5 Datasheet HTML 1Page - STMicroelectronics STP12N65M5 Datasheet HTML 2Page - STMicroelectronics STP12N65M5 Datasheet HTML 3Page - STMicroelectronics STP12N65M5 Datasheet HTML 4Page - STMicroelectronics STP12N65M5 Datasheet HTML 5Page - STMicroelectronics STP12N65M5 Datasheet HTML 6Page - STMicroelectronics STP12N65M5 Datasheet HTML 7Page - STMicroelectronics STP12N65M5 Datasheet HTML 8Page - STMicroelectronics STP12N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STD/F/I/P/U12N65M5
Electrical characteristics
Doc ID 15428 Rev 5
5/23
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td (v)
tr (v)
tf (i)
tc(off)
Voltage delay time
Voltage rise time
Current fall time
Crossing time
VDD = 400 V, ID = 5 A,
RG = 4.7 Ω, VGS = 10 V
(see
Figure 21 and
Figure 24)
-
22.6
17.6
15.6
23.4
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
8.5
34
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 8.5 A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 8.5 A, di/dt = 100 A/µs
VDD = 100 V (see Figure 24)
230
2.2
19
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 8.5 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see
Figure 24)
280
2.7
19
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com