Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS922AIYDT Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS922AIYDT
Description  Rail-to-rail, high output current dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS922AIYDT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS922AIYDT Datasheet HTML 16Page - STMicroelectronics TS922AIYDT Datasheet HTML 17Page - STMicroelectronics TS922AIYDT Datasheet HTML 18Page - STMicroelectronics TS922AIYDT Datasheet HTML 19Page - STMicroelectronics TS922AIYDT Datasheet HTML 20Page - STMicroelectronics TS922AIYDT Datasheet HTML 21Page - STMicroelectronics TS922AIYDT Datasheet HTML 22Page - STMicroelectronics TS922AIYDT Datasheet HTML 23Page - STMicroelectronics TS922AIYDT Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Ordering information
TS922, TS922A
22/24
DocID5150 Rev 11
6
Ordering information
Table 10. Order codes
Order codes
Temperature
range
Package
Packaging
Marking
TS922ID
TS922IDT
-40 °C to +125 °C
SO-8
Tube or
tape and reel
922I
TS922AID
TS922AIDT
922AI
TS922IYDT(1)
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q 002 or equivalent.
SO-8
(automotive grade)
922IY
TS922AIYDT(1)
Tape and reel
922AIY
TS922IPT
TSSOP8
922I
TS922AIPT
922AI
TS922IST
MiniSO8
K158
TS922AIST
K159
TS922IN
DIP8
Tube
TS922IN
TS922IYPT(2)
2. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q 002 or equivalent are ongoing.
TSSOP8
(automotive grade)
Tape and reel
922IY
TS922AIYPT(2)
922AY
TS922IYST(2)
MiniSO8
(automotive grade)
K10A
TS922AIYST(2)
K10B
TS922IJT/EIJT
Flip-chip with backcoating
922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com