Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP34DT01 Datasheet(PDF) 19 Page - STMicroelectronics

Part # MP34DT01
Description  MEMS audio sensor omnidirectional digital microphone
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT01 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button MP34DT01 Datasheet HTML 12Page - STMicroelectronics MP34DT01 Datasheet HTML 13Page - STMicroelectronics MP34DT01 Datasheet HTML 14Page - STMicroelectronics MP34DT01 Datasheet HTML 15Page - STMicroelectronics MP34DT01 Datasheet HTML 16Page - STMicroelectronics MP34DT01 Datasheet HTML 17Page - STMicroelectronics MP34DT01 Datasheet HTML 18Page - STMicroelectronics MP34DT01 Datasheet HTML 19Page - STMicroelectronics MP34DT01 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
DocID022331 Rev 11
19/20
MP34DT01
Revision history
9
Revision history
Table 11. Document revision history
Date
Revision
Changes
06-Oct-2011
1
Initial release
18-Nov-2011
2
Removed “stereo” from title, Features, and Description
29-Nov-2011
3
Updated Features and Description
04-Jan-2012
4
Updated Figure :
Added So limits to Table 3: Acoustic and electrical characteristics
Minor textual updates
23-Mar-2012
5
Updated Figure 9: HCLGA (3 x 4 x 1 mm) 4-lead package outline
Pin 1 indicator removed from top view of package on page 1 and
Figure 1: Pin connections
Updated Table 10: HCLGA (3 x 4 x 1 mm) 4-lead package dimensions
06-Apr-2012
6
Updated maximum supply voltage in Table 3: Acoustic and electrical
characteristics
07-May-2012
7
Added VIOL, VIOH to Table 3: Acoustic and electrical characteristics
18-May-2012
8
Updated Table 5: Timing characteristics
05-Jul-2012
9
Added Section 5: Sensing element
Added Figure 10: Land pattern
Updated temperature range to -40 to +85 °C throughout datasheet
21-Feb-2013
10
Updated dimension T2 in Table 10
07-Jun-2013
11
Updated
- Figure 3: Frequency response and mask
- Table 6: Frequency response mask for digital microphones
- HCLGA mechanical data Figure 9 on page 16 and Table 10 on page 17
Added
- Section 3: Carrier tape mechanical specifications
- Section 4: Process recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com