Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3243EBTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST3243EBTR
Description  (,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243EBTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST3243EBTR Datasheet HTML 8Page - STMicroelectronics ST3243EBTR Datasheet HTML 9Page - STMicroelectronics ST3243EBTR Datasheet HTML 10Page - STMicroelectronics ST3243EBTR Datasheet HTML 11Page - STMicroelectronics ST3243EBTR Datasheet HTML 12Page - STMicroelectronics ST3243EBTR Datasheet HTML 13Page - STMicroelectronics ST3243EBTR Datasheet HTML 14Page - STMicroelectronics ST3243EBTR Datasheet HTML 15Page - STMicroelectronics ST3243EBTR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package mechanical data
ST3243EB, ST3243EC
14/16
Doc ID 8648 Rev 12
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
10.1
10.3
0.398
0.406
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & reel TSSOP28 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16