Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2532C2.AT2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPBT2532C2.AT2
Description  Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPBT2532C2.AT2 Datasheet HTML 7Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 8Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 9Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 10Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 11Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 12Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 13Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 14Page - STMicroelectronics SPBT2532C2.AT2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SPBT2532C2.AT2
Hardware specifications
Doc ID 023461 Rev 1
11/27
5.3
High speed CPU mode current consumption
High speed CPU mode
CPU 32 MHz, maximum operating temperature 55 °C
UART supports up to 921 Kbps
Data throughput up to 1.5 Mbps
Shallow sleep enabled.
5.4
Standard CPU mode current consumption
Standard CPU mode
CPU 8 MHz, maximum operating temperature 85 °C
UART supports up to 115 Kbps
Data throughput up to 200 Kbps
Shallow sleep enabled.
Table 3.
High speed CPU mode current consumption
Modes (typical power consumption)
Avg.
Unit
ACL data 115 K baud UART at max. throughput (master)
41
mA
ACL data 115 K baud UART at max. throughput (slave)
41
mA
Connection, no data traffic, master
28.9
mA
Connection, no data traffic, slave
34.5
mA
Standby, without deep sleep
28
mA
Standby, with deep sleep
3.1
mA
Bluetooth power down / CPU standby
25
µA
Table 4.
Standard CPU mode current consumption
Mode (typical power consumption)
Avg.
Unit
ACL data 115 K baud UART at max. throughput (master)
25.8
mA
ACL data 115 K baud UART at max. throughput (slave)
25.8
mA
Connection, no data traffic, master
11.9
mA
Connection, no data traffic, slave
16.9
mA
Standby, without deep sleep
11.2
mA
Standby, with deep sleep
2.6
mA
Bluetooth power down / CPU standby
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com