Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD25NF10LT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD25NF10LT4
Description  N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD25NF10LT4 Datasheet(HTML) 4 Page - STMicroelectronics

  STD25NF10LT4 Datasheet HTML 1Page - STMicroelectronics STD25NF10LT4 Datasheet HTML 2Page - STMicroelectronics STD25NF10LT4 Datasheet HTML 3Page - STMicroelectronics STD25NF10LT4 Datasheet HTML 4Page - STMicroelectronics STD25NF10LT4 Datasheet HTML 5Page - STMicroelectronics STD25NF10LT4 Datasheet HTML 6Page - STMicroelectronics STD25NF10LT4 Datasheet HTML 7Page - STMicroelectronics STD25NF10LT4 Datasheet HTML 8Page - STMicroelectronics STD25NF10LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STD25NF10L
4/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250µA, VGS =0
100
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating,
TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
1
2.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 12.5A
VGS = 4.5V, ID = 12.5A
0.030
0.035
0.035
0.040
Ω
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Forward
transconductance
VDS = 15V, ID = 12.5A
24
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V, f = 1MHz,
VGS = 0
1710
250
110
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 50V, ID = 12.5A
RG =4.7Ω VGS = 5V
(see Figure 13)
20
40
58
20
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 80V, ID = 25A,
VGS = 5V, RG =4.7Ω
(see Figure 14)
38
8.5
21
52
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com